Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6106 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE71S6106
Description  SPDT Electromechanical Relay Switch DC to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6106 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE71S6106 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6106 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6106 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6106 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6106 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6106 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TECHNICAL DATA SHEET
Compliance Certifications (visit www.Pasternack.com for current document)
Not RoHS Compliant
Plotted and Other Data
Notes:
• Values at +25 °C, sea level
• ESD Sensitive Material, Transport material in Approved ESD bags. Handle only in approved ESD Workstation
PE71S6106
PE71S6106 REV 1.0
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 12V Control with
Latching PE71S6106
SPDT Electromechanical Relay Switch DC to 40 GHz,
2.92mm, 10 Watts, 12V Control with Latching


Similar Part No. - PE71S6106

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6100 PASTERNACK-PE71S6100 Datasheet
430Kb / 4P
   SPDT Switch
PE71S6101 PASTERNACK-PE71S6101 Datasheet
431Kb / 4P
   SPDT Switch
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6103 PASTERNACK-PE71S6103 Datasheet
449Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6104 PASTERNACK-PE71S6104 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results

Similar Description - PE71S6106

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6103 PASTERNACK-PE71S6103 Datasheet
449Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6107 PASTERNACK-PE71S6107 Datasheet
454Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6105 PASTERNACK-PE71S6105 Datasheet
458Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6108 PASTERNACK-PE71S6108 Datasheet
459Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6109 PASTERNACK-PE71S6109 Datasheet
459Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6104 PASTERNACK-PE71S6104 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6162 PASTERNACK-PE71S6162 Datasheet
404Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6158 PASTERNACK-PE71S6158 Datasheet
397Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
PE71S6160 PASTERNACK-PE71S6160 Datasheet
408Kb / 4P
   SPDT Electromechanical Relay Switch DC to 12.4 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com