Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6142 Datasheet(PDF) 6 Page - Pasternack Enterprises, Inc.

Part # PE71S6142
Description  SP6T Electromechanical Relay Switch DC to 40 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6142 Datasheet(HTML) 6 Page - Pasternack Enterprises, Inc.

  PE71S6142 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6142 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PE71S6142 CAD Drawing
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm,
10 Watts, 12V Control with Normally Open
PE71S6142 REV 1.0


Similar Part No. - PE71S6142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6145 PASTERNACK-PE71S6145 Datasheet
450Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results

Similar Description - PE71S6142

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6146 PASTERNACK-PE71S6146 Datasheet
444Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6147 PASTERNACK-PE71S6147 Datasheet
468Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6145 PASTERNACK-PE71S6145 Datasheet
450Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6149 PASTERNACK-PE71S6149 Datasheet
455Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6316 PASTERNACK-PE71S6316 Datasheet
504Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6315 PASTERNACK-PE71S6315 Datasheet
504Kb / 6P
   SP6T Electromechanical Relay Switch DC to 22 GHz, SMA
PE71S6119 PASTERNACK-PE71S6119 Datasheet
495Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com