Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6145 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6145
Description  SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6145 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6145 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TECHNICAL DATA SHEET
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 28V Control with Normally Open, Indicators, TTL
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter
wave products maintain a 99% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 28V Control with
Normally Open, Indicators, TTL PE71S6145
URL:
http://www.pasternack.com/2.92mm-sp6t-electromechanical-relay-switch-40-ghz-normally-open-indicators-ttl-logic-
pe71s6145-p.aspx
PE71S6145
PE71S6145 REV 1.0
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm,
10 Watts, 28V Control with Normally Open, Indicators, TTL


Similar Part No. - PE71S6145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6142 PASTERNACK-PE71S6142 Datasheet
439Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results

Similar Description - PE71S6145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6149 PASTERNACK-PE71S6149 Datasheet
455Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6142 PASTERNACK-PE71S6142 Datasheet
439Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6146 PASTERNACK-PE71S6146 Datasheet
444Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6147 PASTERNACK-PE71S6147 Datasheet
468Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6105 PASTERNACK-PE71S6105 Datasheet
458Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6108 PASTERNACK-PE71S6108 Datasheet
459Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6109 PASTERNACK-PE71S6109 Datasheet
459Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com