Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6145 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE71S6145
Description  SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6145 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE71S6145 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE71S6145 Datasheet HTML 6Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
TECHNICAL DATA SHEET
The PE71S6145 is Single Pole Six Throw Switch that operates from DC to 40 GHz. The switch has a normally open actuator,
Indicators and 1M life cycles. The switch has an operating voltage of 28 Volts and has TTL Control.
Features
• SP6T Switch
• DC to 40 GHz Operating Frequency Range
• 1 M Cycles min
• Normally Open Switch
• Indicators
• TTL Contol
• Switching Sequence Break Before Make
Applications
• Test & Measurement
• Communications System
• Instrumentation
• Suitable for Aircraft
Electrical Specifications
Frequency Range
DC to 40 GHz
Impedance
50 Ohms
Actuator
Normally Open, Indicators, TTL Logic
Actuating Current
200 mA
Control Voltage
28 Volts
RF Input Power (Max CW)
10 Watts
RF Characteristic
Description
Band 1
Band 2
Band 3
Band 4
Band 5
Units
Frequency Range
DC to 6
6 to 12
12 to 18
18 to 26.5
26.5 to 40
GHz
VSWR, Max
1.3:1
1.4:1
1.5:1
1.7:1
2:1
Insertion Loss, Max
0.2
0.4
0.5
0.7
1
dB
Isolation, Min
70
60
60
55
50
dB
.
Mechanical Specifications
Connector Type
2.92mm Female
Operating Life
1,000,000
Terminals
Solder Pins
Switching Time (nominal voltage, 25°C)
<15 ms Typ
Environmental Specifications
Temperature
Operating Range
-35 to +85 deg C
Environment
MIL-S-3928
MIL-E-5400
.
Housing Material and Plating
Aluminum
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm, 10 Watts, 28V Control with
Normally Open, Indicators, TTL PE71S6145
PE71S6145
PE71S6145 REV 1.0
SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm,
10 Watts, 28V Control with Normally Open, Indicators, TTL


Similar Part No. - PE71S6145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6140 PASTERNACK-PE71S6140 Datasheet
452Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6141 PASTERNACK-PE71S6141 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 46 GHz, 2.92mm
PE71S6142 PASTERNACK-PE71S6142 Datasheet
439Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results

Similar Description - PE71S6145

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6144 PASTERNACK-PE71S6144 Datasheet
470Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6149 PASTERNACK-PE71S6149 Datasheet
455Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6142 PASTERNACK-PE71S6142 Datasheet
439Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6143 PASTERNACK-PE71S6143 Datasheet
445Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6146 PASTERNACK-PE71S6146 Datasheet
444Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6147 PASTERNACK-PE71S6147 Datasheet
468Kb / 6P
   SP6T Electromechanical Relay Switch DC to 40 GHz
PE71S6105 PASTERNACK-PE71S6105 Datasheet
458Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6108 PASTERNACK-PE71S6108 Datasheet
459Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6136 PASTERNACK-PE71S6136 Datasheet
443Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6109 PASTERNACK-PE71S6109 Datasheet
459Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com