Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC320AD80 Datasheet(PDF) 6 Page - Texas Instruments

Part # TLC320AD80
Description  Audio Processor Subsystem
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC320AD80 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC320AD80 Datasheet HTML 2Page - Texas Instruments TLC320AD80 Datasheet HTML 3Page - Texas Instruments TLC320AD80 Datasheet HTML 4Page - Texas Instruments TLC320AD80 Datasheet HTML 5Page - Texas Instruments TLC320AD80 Datasheet HTML 6Page - Texas Instruments TLC320AD80 Datasheet HTML 7Page - Texas Instruments TLC320AD80 Datasheet HTML 8Page - Texas Instruments TLC320AD80 Datasheet HTML 9Page - Texas Instruments TLC320AD80 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
1–1
1 Introduction
The TLC320AD80 is an audio processing subsystem designed to meet the audio needs of a broad range
of set-top box applications. This device includes a high-performance stereo audio DAC, analog volume and
balance control, analog TV monaural decoder, de-emphasis filter, and an analog wide-band multiplexer.
The sigma-delta DAC performs data conversion with 85-dB performance. The architecture provides much
flexibility, giving the user the option to use all or a subset of the functional blocks.
There are two serial digital interfaces for digital audio data and four analog audio inputs. The analog output
of the device can be selected to be the output of the DAC, the output of the TV baseband filter, or
pass-through of one of the analog inputs.
The digital interfaces enable ease of use by providing compatibility with the industry standard I2S digital
audio port, and with the SPI
™ serial control interface. In addition, the digital audio interface supports
additional interface protocols.
1.1
Features
Highly Integrated Analog Audio Functions
Flexible Architecture Allows Variable Interconnects Between Functions
Sigma-Delta DAC With 16-Bit Resolution and 82-dB Performance Typical
Internal Monaural Decoder for TV Baseband Audio
Four Analog Audio Inputs: Two Stereo and Two Mono
Volume and Balance Control: 69 Step at 1 dB per Step With Mute
Selectable 50/15 ms De-Emphasis Analog Filter
Uncommitted Wide-Band Analog 2:1 Multiplexer
Multiplexed Analog Output can Select the Output of the DAC or Analog Data Pass-Through From
One of the Analog Audio Inputs
Two Flexible Digital Serial Data Ports (Philips I2S Protocol, Left-Justified, and Right-Justified
Formats)
SPI Bus-Compatible Serial Control Port
Sample Rates Supported in DAC: 8 kHz to 48 kHz
Digital Serial Ports Support 16-Bit or 18-Bit PCM Digital Audio Data Format
Analog Stereo Inputs can be Configured as Mono Inputs Through the Left Channel
Analog Output With 600-
Ω Load Drive and Short Circuit Protection
Internal Voltage Reference
TTL/CMOS Compatible
Single 5-V Power Supply, 64-Pin TQFP Package
SPI
™ is a trademark of Motorola Inc.


Similar Part No. - TLC320AD80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
[Old version datasheet]   Audio Processor Subsystem
TLC320AD80CPM TI-TLC320AD80CPM Datasheet
219Kb / 36P
[Old version datasheet]   Audio Processor Subsystem
More results

Similar Description - TLC320AD80

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC320AD80C TI-TLC320AD80C Datasheet
219Kb / 36P
[Old version datasheet]   Audio Processor Subsystem
logo
Cirrus Logic
WM8321 CIRRUS-WM8321 Datasheet
1Mb / 253P
   Processor Power Management Subsystem
WM8326 CIRRUS-WM8326 Datasheet
1Mb / 255P
   Processor Power Management Subsystem
logo
Wolfson Microelectronic...
WM8321 WOLFSON-WM8321 Datasheet
1Mb / 253P
   Processor Power Management Subsystem
WM8325 WOLFSON-WM8325 Datasheet
1Mb / 254P
   Processor Power Management Subsystem
logo
Cirrus Logic
WM8310 CIRRUS-WM8310 Datasheet
1Mb / 291P
   Processor Power Management Subsystem
WM8325 CIRRUS-WM8325 Datasheet
1Mb / 254P
   Processor Power Management Subsystem
logo
Wolfson Microelectronic...
WM8326 WOLFSON-WM8326 Datasheet
1Mb / 255P
   Processor Power Management Subsystem
WM8311 WOLFSON-WM8311 Datasheet
1Mb / 302P
   Processor Power Management Subsystem
WM8310 WOLFSON-WM8310 Datasheet
1Mb / 291P
   Processor Power Management Subsystem
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com