Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GN01CA Datasheet(PDF) 4 Page - ON Semiconductor

Part # 15GN01CA
Description  RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

15GN01CA Datasheet(HTML) 4 Page - ON Semiconductor

  15GN01CA Datasheet HTML 1Page - ON Semiconductor 15GN01CA Datasheet HTML 2Page - ON Semiconductor 15GN01CA Datasheet HTML 3Page - ON Semiconductor 15GN01CA Datasheet HTML 4Page - ON Semiconductor 15GN01CA Datasheet HTML 5Page - ON Semiconductor 15GN01CA Datasheet HTML 6Page - ON Semiconductor 15GN01CA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
15GN01CA
No. A1098-4/7
S Parameters (Common emitter)
VCE=5V, IC=5mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.650
-26.84
4.392
121.74
0.029
71.26
0.776
-10.73
200
0.554
-37.39
2.798
110.97
0.050
66.90
0.737
-14.52
300
0.494
-47.15
2.148
103.12
0.070
63.30
0.720
-18.26
400
0.444
-56.64
1.787
96.10
0.087
61.98
0.708
-22.11
500
0.406
-65.32
1.537
89.48
0.101
59.57
0.697
-25.85
600
0.377
-73.55
1.369
83.71
0.113
57.85
0.691
-29.52
700
0.348
-83.03
1.245
77.82
0.126
56.52
0.687
-33.29
800
0.325
-90.95
1.137
72.30
0.137
54.57
0.684
-37.14
900
0.306
-99.25
1.058
67.12
0.148
53.75
0.682
-40.75
1000
0.288
-107.53
0.990
62.37
0.153
52.46
0.682
-44.56
VCE=5V, IC=10mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.583
-32.15
6.240
118.82
0.026
70.44
0.703
-12.56
200
0.482
-45.75
3.926
108.10
0.046
66.49
0.659
-15.99
300
0.419
-57.88
2.944
99.96
0.063
65.05
0.637
-19.29
400
0.368
-69.02
2.390
92.67
0.078
62.34
0.624
-22.85
500
0.336
-79.50
2.027
86.17
0.092
61.46
0.615
-26.37
600
0.310
-89.29
1.769
80.51
0.103
60.64
0.610
-29.81
700
0.291
-99.92
1.586
74.79
0.114
59.47
0.606
-33.39
800
0.274
-108.75
1.441
69.42
0.125
58.90
0.605
-37.06
900
0.262
-118.49
1.317
64.61
0.135
57.84
0.605
-40.43
1000
0.251
-127.56
1.217
59.88
0.144
57.55
0.606
-44.25
VCE=5V, IC=20mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.513
-40.12
8.263
115.87
0.025
68.95
0.625
-14.43
200
0.407
-57.84
5.054
104.00
0.043
68.30
0.576
-17.14
300
0.347
-73.04
3.701
95.34
0.056
66.04
0.557
-19.89
400
0.303
-87.02
2.936
87.98
0.071
64.63
0.545
-22.91
500
0.281
-98.99
2.433
81.63
0.083
64.43
0.538
-26.26
600
0.266
-110.32
2.091
76.17
0.095
63.54
0.537
-29.36
700
0.257
-122.12
1.853
70.61
0.106
63.34
0.536
-33.02
800
0.248
-131.81
1.662
65.60
0.117
62.91
0.538
-36.53
900
0.244
-141.38
1.504
60.76
0.128
62.37
0.538
-39.95
1000
0.245
-150.77
1.376
56.40
0.137
62.62
0.540
-43.80
VCE=5V, IC=30mA, ZO=50Ω
Freq(MHz)
⏐S11⏐∠S11
⏐S21⏐∠S21
⏐S12⏐∠S12
⏐S22⏐∠S22
100
0.471
-46.44
9.316
113.49
0.025
70.19
0.582
-15.62
200
0.368
-67.17
5.557
100.99
0.040
68.06
0.532
-17.38
300
0.313
-84.43
3.987
92.10
0.053
66.90
0.516
-19.75
400
0.280
-100.24
3.124
84.66
0.067
65.61
0.506
-22.58
500
0.265
-112.71
2.570
78.56
0.080
66.29
0.504
-25.96
600
0.256
-124.16
2.191
73.18
0.092
65.10
0.502
-29.15
700
0.255
-135.95
1.921
67.77
0.103
66.41
0.502
-32.85
800
0.252
-145.81
1.714
62.74
0.113
65.20
0.506
-36.31
900
0.254
-154.35
1.544
58.35
0.125
65.56
0.508
-39.87
1000
0.255
-163.19
1.411
53.83
0.137
64.48
0.513
-43.71


Similar Part No. - 15GN01CA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01CA SANYO-15GN01CA Datasheet
53Kb / 5P
   NPN Epitaxial Planar Silicon Transistor VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01CA SANYO-15GN01CA_12 Datasheet
399Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
More results

Similar Description - 15GN01CA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN01MA ONSEMI-15GN01MA Datasheet
306Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5227A ONSEMI-2SC5227A Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single CP
August, 2013
2SC5227A-4-TB-E ONSEMI-2SC5227A-4-TB-E Datasheet
346Kb / 8P
   RF Transistor 10V, 70mA,fT=7GHz, NPN Single CP
August, 2013
MCH6001 ONSEMI-MCH6001 Datasheet
492Kb / 6P
   RF Transistor 8V, 150mA, fT=16GHz NPN Dual MCPH6
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com