Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15GN01MA Datasheet(PDF) 1 Page - ON Semiconductor

Part # 15GN01MA
Description  RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single MCP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

15GN01MA Datasheet(HTML) 1 Page - ON Semiconductor

  15GN01MA Datasheet HTML 1Page - ON Semiconductor 15GN01MA Datasheet HTML 2Page - ON Semiconductor 15GN01MA Datasheet HTML 3Page - ON Semiconductor 15GN01MA Datasheet HTML 4Page - ON Semiconductor 15GN01MA Datasheet HTML 5Page - ON Semiconductor 15GN01MA Datasheet HTML 6Page - ON Semiconductor 15GN01MA Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
71812 TKIM/93009AB TKIM TC-00002115 No. A1100-1/7
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
August, 2013
15GN01MA
RF Transistor
8V, 50mA, fT=1.5GHz, NPN Single MCP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Small ON-resistance [Ron=2Ω (IB=3mA)]
Small output capacitance [Cob=1.1pF (VCB=10V)]
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Collector-to-Base Voltage
VCBO
15
V
Collector-to-Emitter Voltage
VCEO
8V
Emitter-to-Base Voltage
VEBO
3V
Collector Current
IC
50
mA
Collector Dissipation
PC
When mounted on ceramic substrate (250mm2×0.8mm)
400
mW
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Package Dimensions
unit : mm (typ)
7023A-009
Ordering number : ENA1100A
Product & Package Information
• Package
: MCP
• JEITA, JEDEC
: SC-70, SOT-323
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TL
Marking
Electrical Connection
ZA
LOT No.
LOT No.
TL
1 : Base
2 : Emitter
3 : Collector
MCP
3
12
2.0
0.65
0.3
0 to 0.08
0.15
15GN01MA-TL-E
3
2
1


Similar Part No. - 15GN01MA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
15GN01MA SANYO-15GN01MA Datasheet
54Kb / 5P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifier Applications
15GN01MA-TL-E SANYO-15GN01MA-TL-E Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
15GN01MA SANYO-15GN01MA_12 Datasheet
415Kb / 7P
   VHF to UHF Band High-Frequency Switching, High-Frequency General-Purpose Amplifi er Applications
More results

Similar Description - 15GN01MA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
15GN01CA ONSEMI-15GN01CA Datasheet
296Kb / 7P
   RF Transistor 8V, 50mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03MA ONSEMI-15GN03MA Datasheet
302Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single MCP
August, 2013
15GN03CA ONSEMI-15GN03CA Datasheet
291Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single CP
August, 2013
15GN03FA ONSEMI-15GN03FA Datasheet
494Kb / 8P
   RF Transistor 10V, 70mA, fT=1.5GHz, NPN Single SSFP
August, 2013
MCH4020 ONSEMI-MCH4020 Datasheet
367Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
MCH4020-TL-E ONSEMI-MCH4020-TL-E Datasheet
378Kb / 11P
   RF Transistor 8V, 150mA, fT=16GHz, NPN Single MCPH4
August, 2013
55GN01MA ONSEMI-55GN01MA Datasheet
308Kb / 8P
   RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
August, 2013
2SC5536A ONSEMI-2SC5536A Datasheet
503Kb / 7P
   RF Transistor 12V, 50mA, fT=1.7GHz, NPN Single SSFP
August, 2013
2SC5226A ONSEMI-2SC5226A Datasheet
354Kb / 8P
   RF Transistor 10V, 70mA, fT=7GHz, NPN Single MCP
August, 2013
2SC5245A ONSEMI-2SC5245A Datasheet
349Kb / 8P
   RF Transistor 10V, 30mA, fT=8GHz, NPN Single MCP
August, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com