Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMUN2111T1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SMUN2111T1G
Description  Digital Transistors (BRT) R1 = 10 k, R2 = 10 k PNP Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SMUN2111T1G Datasheet(HTML) 5 Page - ON Semiconductor

  SMUN2111T1G Datasheet HTML 1Page - ON Semiconductor SMUN2111T1G Datasheet HTML 2Page - ON Semiconductor SMUN2111T1G Datasheet HTML 3Page - ON Semiconductor SMUN2111T1G Datasheet HTML 4Page - ON Semiconductor SMUN2111T1G Datasheet HTML 5Page - ON Semiconductor SMUN2111T1G Datasheet HTML 6Page - ON Semiconductor SMUN2111T1G Datasheet HTML 7Page - ON Semiconductor SMUN2111T1G Datasheet HTML 8Page - ON Semiconductor SMUN2111T1G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MUN2111, MMUN2111L, MUN5111, DTA114EE, DTA114EM3, NSBA114EF3
http://onsemi.com
5
TYPICAL CHARACTERISTICS
MUN2111, MMUN2111L, MUN5111, DTA114EE, DTA114EM3
100
10
1
0.1
0.01
0.001
0
Vin, INPUT VOLTAGE (V)
TA = −25°C
25°C
12
3
4
5
67
8
9
0.01
20
IC, COLLECTOR CURRENT (mA)
0.1
1
040
60
80
1000
1
10
100
IC, COLLECTOR CURRENT (mA)
TA =75°C
−25°C
100
10
75°C
50
010
20
30
40
10
3
1
2
VR, REVERSE VOLTAGE (V)
0
TA = −25°C
25°C
75°C
f = 10 kHz
lE = 0 A
TA = 25°C
VO = 5 V
IC/IB =10
VCE = 10 V
0
IC, COLLECTOR CURRENT (mA)
0.1
1
10
100
10
20
30
40
50
TA = −25°C
25°C
75°C
Figure 2. VCE(sat) vs. IC
Figure 3. DC Current Gain
Figure 4. Output Capacitance
Figure 5. Output Current vs. Input Voltage
Figure 6. Input Voltage vs. Output Current
25°C
10
4
7
5
6
8
9
VO = 0.2 V


Similar Part No. - SMUN2111T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SMUN2111T1G ONSEMI-SMUN2111T1G Datasheet
146Kb / 12P
   Digital Transistors (BRT) R1 = 10 k, R2 = 10 k
December, 2013 ??Rev. 7
SMUN2111T1G ONSEMI-SMUN2111T1G Datasheet
184Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com