Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDS114 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # KDS114
Description  SILICON EPITAXIAL PLANAR DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS114 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KDS114_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS114_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2008. 9. 11
1/2
SEMICONDUCTOR
TECHNICAL DATA
KDS114
SILICON EPITAXIAL PLANAR DIODE
Revision No : 4
VHF TUNER BAND SWITCH APPLICATIONS.
FEATURES
・Small Package.
・Small Total Capacitance : C
T=1.2pF(Max.).
・Low Series Resistance : r
S=0.5Ω(Typ.).
MAXIMUM RATING (Ta=25℃)
USC
DIM
MILLIMETERS
A
B
C
D
E
F
G
H
J
K
2.50 0.1
1.25 0.05
0.90 0.05
0.30+0.06/-0.04
1.70 0.05
MIN 0.17
0.126 0.03
0~0.1
0.15 0.05
0.4 0.05
2 +4/-2
L
M
4~6
I
1.0 MAX
M
M
I
C
J
G
D
2
1
B
1. ANODE
2. CATHODE
H
+_
+_
+_
+_
+_
+_
+_
ELECTRICAL CHARACTERISTICS (Ta=25℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Reverse Voltage
VR
35
V
Forward Current
IF
100
mA
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=2mA
-
-
0.85
V
Reverse Current
IR
VR=15V
-
-
0.1
μ
A
Reverse Voltage
VR
IR=1μA
35
-
-
V
Total Capacitance
CT
VR=6V, f=1MHz
-
0.7
1.2
pF
Series Resistance
rs
IF=2mA, f=100MHz
-
0.5
0.9
Marking
UD
Type Name
Lot No.


Similar Part No. - KDS114_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDS114E KEC-KDS114E Datasheet
80Kb / 2P
   VHF TUNER BAND SWITCH APPLICATIONS
KDS114E KEC-KDS114E Datasheet
25Kb / 1P
   ESC PACKAGE
KDS114E KEC-KDS114E Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
SHIKUES Electronics
KDS114E SKTECHNOLGY-KDS114E Datasheet
478Kb / 2P
   Switching Diode Silicon
logo
KEC(Korea Electronics)
KDS114E KEC-KDS114E_00 Datasheet
25Kb / 1P
   ESC PACKAGE
More results

Similar Description - KDS114_15

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com