Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KDV142V Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KDV142V
Description  SILICON EPITAXIAL PIN TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDV142V Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KDV142V_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDV142V_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2006. 9. 8
2/2
KDV142V
Revision No : 0
REVERSE VOLTAGE VR (V)
IF - VF
IR - VR
FORWARD VOLTAGE VF (V)
FORWARD VOLTAGE VF (V)
FORWARD VOLTAGE VF (V)
rP - VF
0
0.2
0.4
0.6
0.8
0
0.2
0.6
0.4
0.8
1.0
10
-2
10
-4
10
-3
10
-2
10
-4
10
-6
10
2
10
1
10
0
10
-1
10
-8
10
-10
10
-12
10
5
10
4
10
3
10
2
10
1
10
0
10
-13
10
-11
10
-12
020
40
60
REVERSE VOLTAGE VR (V)
0.1
CT - VR
f=1MHz
f=100MHz
f=100MHz
1.0
10
0.1
1.0
rs - IF


Similar Part No. - KDV142V_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDV142V KEC-KDV142V Datasheet
438Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
More results

Similar Description - KDV142V_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDP620UL KEC-KDP620UL_15 Datasheet
353Kb / 3P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP600UL KEC-KDP600UL_15 Datasheet
509Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP623UL KEC-KDP623UL_15 Datasheet
384Kb / 3P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV144F KEC-KDV144F_15 Datasheet
442Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV175 KEC-KDV175_15 Datasheet
472Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV142EL KEC-KDV142EL_07 Datasheet
438Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP629UL KEC-KDP629UL Datasheet
35Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV176U KEC-KDV176U_15 Datasheet
363Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDV175E KEC-KDV175E Datasheet
295Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP610UL KEC-KDP610UL Datasheet
459Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
KDP621UL KEC-KDP621UL_15 Datasheet
506Kb / 2P
   SILICON EPITAXIAL PIN TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com