Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6101 Datasheet(PDF) 4 Page - Pasternack Enterprises, Inc.

Part # PE71S6101
Description  SPDT Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6101 Datasheet(HTML) 4 Page - Pasternack Enterprises, Inc.

  PE71S6101 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6101 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6101 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6101 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
PE71S6101 CAD Drawing
SPDT Electromechanical Relay Switch DC to 26.5 GHz, SMA,
30 Watts, 28V Control with Indicators, Latching
PE71S6101 REV 1.0


Similar Part No. - PE71S6101

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6100 PASTERNACK-PE71S6100 Datasheet
430Kb / 4P
   SPDT Switch
PE71S6102 PASTERNACK-PE71S6102 Datasheet
444Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6103 PASTERNACK-PE71S6103 Datasheet
449Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz
PE71S6104 PASTERNACK-PE71S6104 Datasheet
457Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
PE71S6105 PASTERNACK-PE71S6105 Datasheet
458Kb / 6P
   SPDT Electromechanical Relay Switch DC to 40 GHz, 2.92mm
More results

Similar Description - PE71S6101

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM3205 SANYO-SPM3205 Datasheet
16Kb / 3P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18 MINI-MSP2T-18 Datasheet
84Kb / 1P
   SPDT Switch
logo
BeRex Corporation
BSW841 BEREX-BSW841_16 Datasheet
766Kb / 5P
   SPDT Switch
logo
Pasternack Enterprises,...
PE71S6096 PASTERNACK-PE71S6096 Datasheet
438Kb / 4P
   SPDT Switch
PE71S6111 PASTERNACK-PE71S6111 Datasheet
427Kb / 4P
   SPDT Switch
PE71S6112 PASTERNACK-PE71S6112 Datasheet
413Kb / 4P
   SPDT Switch
logo
Mini-Circuits
MSP2T-18XL MINI-MSP2T-18XL Datasheet
533Kb / 4P
   SPDT Switch
MSP2T-26XL MINI-MSP2T-26XL Datasheet
537Kb / 4P
   SPDT Switch
logo
Sanyo Semicon Device
SPM3252 SANYO-SPM3252 Datasheet
18Kb / 3P
   SPDT Switch
logo
ON Semiconductor
NLAS9041 ONSEMI-NLAS9041 Datasheet
171Kb / 9P
   SPDT, Switch
April, 2007 ??Rev. 0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com