Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6127 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6127
Description  SP4T Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6127 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6127 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6127 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6127 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6127 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PE71S6127 CAD Drawing
SP4T Electromechanical Relay Switch DC to 22 GHz, SMA,
30 Watts, 28V Control with Normally Open
PE71S6127 REV 1.0


Similar Part No. - PE71S6127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6120 PASTERNACK-PE71S6120 Datasheet
457Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6121 PASTERNACK-PE71S6121 Datasheet
457Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz,2.92mm, 10 Watts, 28V Control with Indicators, Failsafe, TTL
PE71S6122 PASTERNACK-PE71S6122 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6123 PASTERNACK-PE71S6123 Datasheet
454Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
PE71S6124 PASTERNACK-PE71S6124 Datasheet
453Kb / 6P
   Transfer Electromechanical Relay Switch DC to 40 GHz
More results

Similar Description - PE71S6127

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6184 PASTERNACK-PE71S6184 Datasheet
441Kb / 4P
   SP4T Switch
logo
Mini-Circuits
MSP4TA-18 MINI-MSP4TA-18 Datasheet
373Kb / 3P
   SP4T Switch
MSP4TA-18-12D MINI-MSP4TA-18-12D Datasheet
509Kb / 3P
   SP4T Switch
logo
DAICO Industries, Inc.
DSW46174 DAICO-DSW46174 Datasheet
163Kb / 1P
   Switch SP4T
logo
Pasternack Enterprises,...
PE71S6126 PASTERNACK-PE71S6126 Datasheet
439Kb / 4P
   SP4T Switch
PE71S6182 PASTERNACK-PE71S6182 Datasheet
413Kb / 4P
   SP4T Switch
logo
Mini-Circuits
MSP4TA-18-12 MINI-MSP4TA-18-12 Datasheet
397Kb / 3P
   SP4T Switch
MSP4TA-18D MINI-MSP4TA-18D Datasheet
534Kb / 3P
   SP4T Switch
logo
API Technologies Corp
310-021004-001 APITECH-310-021004-001 Datasheet
79Kb / 1P
   SP4T SWITCH
logo
Pasternack Enterprises,...
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
   SP4T Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com