Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACK-A004E-03A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ACK-A004E-03A1E
Description  Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ACK-A004E-03A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ACK-A004E-03A1E Datasheet HTML 1Page - Advantech Co., Ltd. ACK-A004E-03A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ACK-A004E
Packing List
Part Number
Description
Qty
ACK-A004E
Chassis
1
Startup manual
1
1910000041
Post , M3x6 ,for M/B
2
1930001241
Screw M3x5 ,for USB cable
2
1930004607
Screw M3x4 ,for HDD
4
1935030500
Screw M3x5 , for M/B
2
1935032000
Screw M3x20 , for M/B
4
1930005414
S/S 10.5L D=5 H=1.75 for Audio Jack
2
193A200001
POST F=#4-40x4L for COM
10
2000017637
Heat sensitive paper 30LX12WX0.1Hmm
1
1990020580S000
Nylon snap rivet , for HDD screw
4
1990020672S000
Plugs MBWK-2
1
1990022958S000
Cable tie
3
2100000535
Dehydrate (5g)
1
Ordering Information
Part number
Recommended 3.5" SBC
Power Supply
Power cable
Regulation
ACK-A004E-01A1E
MIO-5251
1757003996 / 96PSA-A60W12P2-1
Required , refer to optional accessories
CE , FCC
ACK-A004E-02A1E
MIO-5250
1757003996 / 96PSA-A60W12P2-1
Required , refer to optional accessories
CE , FCC
ACK-A004E-03A1E
MIO-5271
1757003996 / 96PSA-A60W12P2-1
Required , refer to optional accessories
CE , FCC
Power Supply Options
Part Number
Watt
Input
Output
Operating Temperature
Dimensions
Safety
MBTF
1757003996
60
AC 100 ~ 240V
DC 12V @ 5 A
0 ~ 40° C (32 ~ 104° F)
110 x 31.5 x 62
CE/FCC/CCC/UL/CB/BSMI/
KC/PSE/GT/GOST R
100,000 hours
@ 25° C
Installation
Optional Accessories
Part Number
Description
1757003996
DC power 12V/5A 60W, 0 ~ 40° C, w/ Phoneix Jack type
power connector
1757003995
DC power 12V/5A 60W, 0 ~ 40° C, w/ DC Jack type power
connector
1700009001
A Cable JACK/1*2P-5.0 4.5CM C=R B (Phoneix Jack to
DC Jack)
1700001524
Power cable 3-pin 180 cm , USA type
170203180A
Power cable 3-pin 180 cm , UK type
170203183C
Power cable 3-pin 180 cm , Europe type
1700008921
Power cable 3-pin 180 cm , PSE
Note: 1. DC power and power cable are required for system operation
2. DC power w/ DC Jack type and A Cable JACK need to bundle together
188
219
204
7.50
Ø9
R1.75


Similar Part No. - ACK-A004E-03A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ACK-A004E-03A1E ADVANTECH-ACK-A004E-03A1E Datasheet
1Mb / 3P
   Embedded 3.5" SBC Chassis for MIO-5250, MIO-5251, MIO-5271
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com