Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-230G2-U0A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # AIMB-230G2-U0A1E
Description  Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-230G2-U0A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  AIMB-230G2-U0A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-230G2-U0A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Industrial Motherboards & Systems
Features
Utilities:
Software APIs:
ƒ Supports Intel® Core™ i3-4010U, i5-4300U, i7-4650U and Intel® Celeron
2980U processor (Dual core), 15W TDP, BGA 1168 (MCP) 22nm Processor
ƒ Two 204-pin SO-DIMM up to 16 GB DDR3L 1600 MHz SDRAM
ƒ Multiple display I/O supports versatile Tri display functions for eDP/LVDS,
DP/HDMI, and DP++
ƒ Realtek ALC892 supports 5.1 + 2 channel HD audio
ƒ Dual Realtek RTL8111E Gigabit LAN
ƒ 1 Full-sized Mini-PCIe, 1 Half-sized Mini-PCIe
ƒ 2 COM, 3 SATA III, 1 mSATA
ƒ 4 USB 3.0, 2 USB 2.0
AIMB-230
Intel® Core™ i3-4010U/i5-4300U/i7-4650U/
Celeron 2980U Mini-ITX with eDP/DP/DP++,
2 COM, and Dual LAN
Specifications
Processor System
CPU
Intel Core i5-4300U
Intel Celeron 2980U
Intel i3-4010U
Intel i7-4650U
Max. Speed
1.9 GHz
1.6 GHz
1.7 GHz
3.3 GHz
L3 Cache
4 MB/ 3 MB/2 MB
Chipset
4th Generation Intel® Core™ ULT processors + Lynx Point-LP
BIOS
AMI EFI 128 Mbit, SPI
Expansion Slot
Full-size Mini-PCIe
1, Supports 1 x USB 2.0 and co-lay 1 x mSATA
Half-size Mini-PCIe
1, Supports 1 x USB 2.0
Memory
Technology
Dual Channel DDR3L 1600 MHz
Max. Capacity
16 GB/8 GB per SO-DIMM
Socket
2 x 204-pin SO-DIMM (Non-ECC)
Graphics
Controller
Intel® HD Graphics 5000 Supports DirectX 11.1, OpenGL 4.0, OpenCL 1.3, Full AVC, VC1, MPEG2 H/W encoder
LVDS+Inverter / eDP
Supports dual channel 48-bit up to 1920 x 1200, co-lay eDP (by BOM option)
DP/HDMI
1, Supports HDMI 1.4 for HD Video playback
Max resolution up to 3200 x 2000 at 60 Hz on DisplayPort (GT2), 4096 x 2304 at 24 Hz on HDMI (GT2)
DP++
1, DP++ connector, available with DP-to-DVI (HDMI) cable (no transmitter) to connector to normal LCD monitor
Dual Display
HDMI+LVDS (eDP), HDMI+DP++, LVDS( eDP)+DP++
Tri Display
HDMI + HDMI + DP, DP + DP + eDP, HDMI + DP + eDP
Dual Display Mode
Extended Mode, Clone Mode
Ethernet
Interface
10/100/1000 Mbps
Controller
LAN1: Realtek RTL8111E-VB-GR
LAN2: Realtek RTL8111E-VB-GR
Connector
RJ-45 x 2
SATA
Max Data Transfer Rate
600 MB/s (SATA 3.0)/ mSATA
Channel
3 / 1
S/W RAID
0,1,5
Rear I/O
DP/HDMI
1
DP++
1
Ethernet
2
USB
4 x USB 3.0
Audio
2 single audio jack for Line-Out (Green), Mic-In (Red)
DC Jack
DC 12V Jack, single power
Internal Connector
LVDS & Inverter
1
eDP
1, by BOM optional
LVDS Inverter
1 (5 pin support 5V and 12V)
LVDS Connector
1 (3.3V / 5V / 12V) by jumper selected
USB
2 ports USB 2.0 with 2.0mm pin-header
Serial
COM 1: RS-232/422/485 supports +5V, +12V(without H/W auto flow control)
COM 2: RS-232
SATA
4 (3 x SATA 3.0, 1 x mSATA)
SATA Power
3
PS/2 K/B & M/S
Supports PS/2 K/S,M/S with 5-pin wafer
CPU/System/Chassis Fan Connector
1 CPU fan with 4-pin wafer
1 System fan with 4-pin wafter
Power Connector
4-pin ATX, DC12V
GPIO
8-bit (4-bit DI and 4-bit DO)
Watchdog Timer
Output
System reset
Interval
Programmable 1 ~ 255 sec/min
Power Requirement
Power Type
Single voltage 12 V DC input;1 x External DC jack;1 x Internal 4-pin (2 x 2) power connector, Supports AT/ATX mode
Power Consumption
(Max, test in HCT)
i5-4300, 3.5" SATA HDD x 1+ 8G RAM x 1
12V
2.66A
Celeron-2980U, 3.5" SATA HDD x 1+ 8G RAM x 1
12V
2.53A
Environment
Temperature
Operating
Non-Operating
0 ~ 60° C (32 ~ 140° F), depends on CPU speed and cooler
solution
-20 ~ 70° C (-4 ~ 158° F)
Physical Characteristics
Dimensions
170 x 170 mm (6.69" x 6.69")
Watchdog
H/W Monitor
SMBus
GPIO
Brightness
BIOS flash Monitoring
NEW
All product specifications are subject to change without notice
Last updated : 18-Mar-2015


Similar Part No. - AIMB-230G2-U0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-231 ADVANTECH-AIMB-231 Datasheet
815Kb / 2P
   Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
AIMB-231G2-U0A1E ADVANTECH-AIMB-231G2-U0A1E Datasheet
815Kb / 2P
   Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
AIMB-231G2-U3A1E ADVANTECH-AIMB-231G2-U3A1E Datasheet
815Kb / 2P
   Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
AIMB-231G2-U5A1E ADVANTECH-AIMB-231G2-U5A1E Datasheet
815Kb / 2P
   Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
AIMB-231G2-U7A1E ADVANTECH-AIMB-231G2-U7A1E Datasheet
815Kb / 2P
   Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
More results

Similar Description - AIMB-230G2-U0A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-231 ADVANTECH-AIMB-231 Datasheet
815Kb / 2P
   Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273_13 Datasheet
699Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-232 ADVANTECH-AIMB-232 Datasheet
1Mb / 2P
   Intel® Core™ i7/i5/i3/Celeron BGA 1356 Mini-ITX with DP/HDMI/LVDS(eDP),2 COM, Dual LAN, miniPCIe, DDR4, DC Input
1-Feb-2018
AIMB-286 ADVANTECH-AIMB-286 Datasheet
858Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX with DP/HDMI/LVDS(eDP), 6 COM, Dual LAN, PCIe x4, M.2, DDR4, DC Input
9-Jan-2019
AIMB-275G2-00A1E ADVANTECH-AIMB-275G2-00A1E Datasheet
906Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX with VGA/DP/HDMI/LVDS(eDP), 2 COM, Dual LAN, PCIe x16, M.2, DDR4, DC Input
24-Apr-2017
AIMB-203 ADVANTECH-AIMB-203 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with CRT/DP/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
AIMB-275 ADVANTECH-AIMB-275 Datasheet
3Mb / 140P
   Intel짰 Core??i7/i5/i3/Pentium/ Celeron LGA1151 Mini-ITX with CRT/LVDS/HDMI/DP, 2 COM, Dual LAN, PCIe x16, 12 ~ 24 V DCIN
AIMB-584 ADVANTECH-AIMB-584_14 Datasheet
958Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1150 MicroATX with CRT/DVI/eDP/LVDS/DP,6 COM, Dual LAN, SATAIII
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com