Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-231G2-U3A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-231G2-U3A1E
Description  Intel짰 Core??i7-5650U/i5-5350U/i3-5010U/Celeron 3765U Mini-ITX with LVDS(eDP)/DP(HDMI)/DP, 2 COM, and Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-231G2-U3A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-231G2-U3A1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-231G2-U3A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-231
Ordering Information
Order Number
CPU
Display
GbE
TPM
Storage
USB
PCIe / PCI
AMP
AIMB-231G2-U7A1E
i7-5650U
DP/HDMI, DP++,
LVDS/eDP
2
(1)
3 x SATA III
1 x mSATA
4 x USB 3.0
2 x USB 2.0
1 x Full-size Mini-PCIe
1 x Half-size Mini-PCIe
(1)
AIMB-231G2-U5A1E
i5-5350U
AIMB-231G2-U3A1E
i3-5010U
AIMB-231G2-U0A1E
Celeron 3765U
*() BOM options available on MP version.
Optional Accessories
Part Number
Description
1757003064
ADAPTER AC100~240V 84W +12V/7A (FSP)
1757003995
ADAPTER AC100~240V 60W +12V/5A (FSP)
1700001524
Power cable 3-pin 180 cm,USA type
170203183C
Power cable 3-pin 180 cm, Europe type
170203180A
Power cable 3-pin 180 cm, UK type
1700008921
Power cable 3-pin PSE Mark 183 cm
1960061914N021
Fan Cooler for 15W 60(W) x 60(L) x 26.5(H)mm
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
2
1700018785
SATA Power cable
2
2006A23110
Startup manual
1
1960062823N011
Fanless Heat Sink
1
19Z0000845T000
IO BRACKET FOR AIMB-231
1
I/O View
Fanless Heat Sink
Fan Cooler
Intel 5th Gen
Core i ULT processor
3 SATA III
HDMI
DP
eDP
eDP
LVDS
DP++
3 SATA III
6 USB
Audio Codec
Realtek ALC892
DDR3L 1600 MHz
SO-DIMM
LAN1: GbE
Intel PHY i218-LM
LAN2: GbE
Intel i210
2 USB 2.0
LPC header
4 USB 3.0
PCIe x1
Channel A
DDR3L 1600 MHz
SO-DIMM
Channel B
PCIe x1
Full size
(1 x USB 2.0)
(1 x mSATA)
SIM Card Holder
Mini PCIe
Co-lay mSATA
Half size
(1 x USB 2.0)
Embedded
Controller
EC IT8528E
Mini PCIe
LPC
BIOS
Infineon SLB9635
TPM 1.2
(optional)
1 RS-232/485/422 COM,
1 RS-232 COM, PS/2,
WDT, 8bit GPIO
Chrontel Ch7511


Similar Part No. - AIMB-231G2-U3A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-230 ADVANTECH-AIMB-230 Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
AIMB-230G2-U0A1E ADVANTECH-AIMB-230G2-U0A1E Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
AIMB-230G2-U3A1E ADVANTECH-AIMB-230G2-U3A1E Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
AIMB-230G2-U5A1E ADVANTECH-AIMB-230G2-U5A1E Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
AIMB-230G2-U7A1E ADVANTECH-AIMB-230G2-U7A1E Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
More results

Similar Description - AIMB-231G2-U3A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-230 ADVANTECH-AIMB-230 Datasheet
873Kb / 2P
   Intel짰 Core??i3-4010U/i5-4300U/i7-4650U/Celeron 2980U Mini-ITX with eDP/DP/DP, 2 COM, and Dual LAN
AIMB-274 ADVANTECH-AIMB-274 Datasheet
1,009Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with VGA/DP/HDMI(DP)/LVDS(eDP),2 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273_13 Datasheet
699Kb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-273 ADVANTECH-AIMB-273 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron uFC-PGA988 Mini-ITX with 2 DP/HDMI/LVDS/CRT, 2 COM, Dual LAN, PCIe x16
AIMB-232 ADVANTECH-AIMB-232 Datasheet
1Mb / 2P
   Intel® Core™ i7/i5/i3/Celeron BGA 1356 Mini-ITX with DP/HDMI/LVDS(eDP),2 COM, Dual LAN, miniPCIe, DDR4, DC Input
1-Feb-2018
AIMB-286 ADVANTECH-AIMB-286 Datasheet
858Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX with DP/HDMI/LVDS(eDP), 6 COM, Dual LAN, PCIe x4, M.2, DDR4, DC Input
9-Jan-2019
AIMB-275G2-00A1E ADVANTECH-AIMB-275G2-00A1E Datasheet
906Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1151 Mini-ITX with VGA/DP/HDMI/LVDS(eDP), 2 COM, Dual LAN, PCIe x16, M.2, DDR4, DC Input
24-Apr-2017
AIMB-275 ADVANTECH-AIMB-275 Datasheet
3Mb / 140P
   Intel짰 Core??i7/i5/i3/Pentium/ Celeron LGA1151 Mini-ITX with CRT/LVDS/HDMI/DP, 2 COM, Dual LAN, PCIe x16, 12 ~ 24 V DCIN
AIMB-218 ADVANTECH-AIMB-218 Datasheet
4Mb / 6P
   Intel Pentium , Celeron & Atom Mini-ITX with HDMI/DP/eDP or LVDS, 6 COM, and Dual LAN
11-Aug-2022
AIMB-203 ADVANTECH-AIMB-203 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA 1150 Mini-ITX with CRT/DP/DVI/LVDS, 9 COM, Dual LAN, PCIe x16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com