Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-1122F Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-1122F
Description  Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1122F Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-1122F Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1122F Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm
ARK-1122F
Packing List
Part Number
Description
-
1 x ARK-1122 unit
-
1 x Driver/Utility CD/Manual
-
1 x Traditional Chinese user manual for CCC
-
1 x China RoHS
96PSA-A36W12W6-1
1 x AC to DC adapter DC 12V/3A 36W, -20 ~ 60° C
9680015085
1 x L type Wrench 18x51mm for SIM cover
Embedded OS (Only available for T-Parts OEM, and CTOS service)
Part Number
Description
2070011879
WES7 for ARK-1122H & ARK-1122F
Optional Items
Part Number
Description
1700001524
Power Cable 3-pin 180cm, USA type
(For power adapter 96PSA-A36W12W6-1)
170203183C
Power Cable 3-pin 180cm, Europe type
(For power adapter 96PSA-A36W12W6-1)
170203180A
Power Cable 3-pin 180cm, UK type
(For power adapter 96PSA-A36W12W6-1)
1700008921
Power Cable 3-pin PSE Mark 183cm
(For power adapter 96PSA-A36W12W6-1)
1757004522-01 AC-to-DC Wide Temperature Adapter, DC 12V/3.33A 40W, -20° C ~ 70° C
1702002600-01 Power cable 3-pin 183 cm, USA type (For power adapter 1757004522-01)
1700018705
Power cable 3-pin 183 cm, Europe type
(For power adapter 1757004522-01)
1700018704
Power cable 3-pin 183 cm, UK type (For power adapter 1757004522-01)
1700000237-01 Power cable 3-pin 183 cm, PSE type (For power adapter 1757004522-01)
AMK-V003E
ARK-112X series VESA mounting kit
AMK-R001E
ARK-112X series DIN-rail mounting kit
AMK-W001E
ARK-112X series Wall mounting kit
1700023855-01 1M lockable HDMI cable
1700023856-01 3M lockable HDMI cable
DC 12V
-
+
DC INPUT VGA
USB2 LAN
HDMI
USB1
COM
LINE-OUT
LINE-IN
ON/OFF
HDD
LED
USB LAN SIM
DC 12V
-
+
DC INPUT VGA
USB2 LAN
HDMI
USB1
COM
LINE-OUT
LINE-IN
ON/OFF
HDD
LED
USB LAN SIM
DC 12V
133.8
DIN Rail
VESA mount
Wall mount
Rear Panel External I/O Mechanical Layout/Drawing
Front Panel External I/O Mechanical Layout/Drawing
Ordering Information
Part Number
Intel CPU
RAM
VGA
HDMI
Audio
GbE
2.5" HDD
bay
mSATA
Storage USB 2.0 RS-232
RS-232/
422/485
MiniPCIe
Operating
Temp.
ARK-1122F-S8A1E
Atom N2800
1.8GHz
Up to 4GB 1
1
Line in,
Line out
2
N/A
1
3
1
N/A
1 Half size, 1 Full
size w/ SIM
-20 ~ 60° C
Note: Memory, storage and operating system bundled by request.


Similar Part No. - ARK-1122F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1122F ADVANTECH-ARK-1122F Datasheet
884Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
25-Jul-2017
ARK-1122F-S8A1E ADVANTECH-ARK-1122F-S8A1E Datasheet
452Kb / 2P
   Palm-size and Ultra Low Power Intel짰 Atom??N2600/N2800 Fanless Embedded Box PC
ARK-1122F-S8A1E ADVANTECH-ARK-1122F-S8A1E Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
ARK-1122F-S8A1E ADVANTECH-ARK-1122F-S8A1E Datasheet
884Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
25-Jul-2017
ARK-1122F ADVANTECH-ARK-1122F_15 Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
More results

Similar Description - ARK-1122F

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1122F ADVANTECH-ARK-1122F_V01 Datasheet
884Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
25-Jul-2017
ARK-1122F ADVANTECH-ARK-1122F_15 Datasheet
747Kb / 2P
   Intel짰 Atom??Dual Core N2800 with Diverse Communications Fanless Box PC
ARK-1122H ADVANTECH-ARK-1122H_15 Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
ARK-1122H ADVANTECH-ARK-1122H Datasheet
728Kb / 2P
   Intel짰 Atom??Dual Core N2600 with Independent Dual Displays Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-2120L ADVANTECH-ARK-2120L_15 Datasheet
1Mb / 2P
   Intel짰 Atom??Dual Core N2600/D2550 with Multiple I/Os Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
PPC-L158T-090-AXE ADVANTECH-PPC-L158T-090-AXE Datasheet
636Kb / 2P
   15" Fanless Panel PC with Intel짰 Atom??Dual-Core Processor
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-VH200 ADVANTECH-ARK-VH200_14 Datasheet
703Kb / 2P
   Intel짰 Atom??Dual Core D510 In-Vehicle DVR with 4 BNC Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com