Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIO-3260CZ22GS8A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # MIO-3260CZ22GS8A1E
Description  Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA,DP/HDMI, 1 GbE, Full-size Mini PCIe,4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

MIO-3260CZ22GS8A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  MIO-3260CZ22GS8A1E Datasheet HTML 1Page - Advantech Co., Ltd. MIO-3260CZ22GS8A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MI/O Extension SBCs, Modules and Chassis
Features
Features
MIO-3260
Intel® Atom™ E3825 & Celeron® N2930
Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA,
DP/HDMI, 1 GbE, Full-size Mini PCIe,
4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
ƒ Embedded Intel® Atom™ E3825 & Celeron® N2930 up to Quad-Core
processor design, DDR3L 1333MHz support up to 8GB
ƒ Intel Gen 7 DirectX®11.1 support, Dual Independent display: 18/24bit LVDS,
VGA, DP/HDMI
ƒ Flexible design using integrated multiple I/O: MIOe to approach vertical
applications & keep domain knowhow
ƒ Intel GbE support, Rich I/O interface with 2 COM, 1 SATA, 4 USB 2.0, GPIO,
SMBus, I2C, and MIOe expansion interface
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
Processor System
CPU
Intel Atom E3825
Intel Celeron N2930
Frequency
1.33 GHz (Dual-Core)
1.83 GHz (Quad-Core)
L2 Cache
1 MB
2 MB
Max Turbo Frequency
-
2.16GHz
System Chipset
Intel Atom SoC processor integrated
BIOS
AMI EFI 64 Mbit
Memory
Technology
DDR3L 1333 MHz for N2930, DDR3L 1066 MHz for E3825
Max. Capacity
8 GB
Socket
1 x 204-pin SODIMM (Support 1.35V DDR3L)
Display
Chipset
Intel Gen7 graphic engine
Graphic Engine
DirectX®11, Open GL3.0, Open CL 1.1, OGLES 2.0
Encode: H.264, MPEG2
Decode: H.264, MPEG2, VC-1, WMV9
LVDS
Supports single channel 24-bit LVDS up to 1440 x 900 at 60Hz
VGA
Supports 2560 x 1600 at 60Hz
Dual Display
Yes (LVDS+VGA or LVDS+DP/HDMI or VGA+DP/HDMI)
Ethernet
Speed
10/100/1000Mbps
Controller
Intel I210
Audio
Chipset
Realtek ALC888S, High Definition Audio (HD), Line-in, Line out, Mic-in
WatchDog Timer
Output System reset, Programmable counter from 1 ~ 255 minutes/ seconds
Storage
mSATA*
1 (Supports mSATA or USB interface module or full size miniPCIe, selected by BIOS, default is mSATA)
SATA
1, up to 3Gb/s (300MB/s)
Expansion
Mini PCI Express
1 x Full-size
MIOe
SMBus, USB3.0, LPC, 2 x PCIe x1, Line out, DisplayPort/HDMI*, +5 Vsb/+12 Vsb power,
Power On, Reset
64-pin connecter A
12V DC input, Inverter, VGA, 2 x USB2.0, 1GbE w/ LED**
64-pin connector B
SMBus, I2C, Power/Reset button, HDD/Power LED, 2 x USB2.0, 8-bit GPIO, HD Audio Line-in, Line out,
Mic-in, 2 x RS-232/422/485
Power
Power Type
Single 12V DC power input
Power Supply Voltage
Supports single 12V input, ± 10%
Total peripheral power supply output
5V @ 3A for CPU board and MIOe module totally, 12V @ 2A for MIOe module
Power Consumption (Typical)
MIO-3260L-S3A1E(E3825): 4.47W
MIO-3260L-S8A1E(N2930): 5.08W
MIO-3260C-S8A1E(N2930): 4.22W
Power Consumption (Max)
MIO-3260L-S3A1E(E3825): 7.13W
MIO-3260L-S8A1E(N2930): 9.73W
MIO-3260C-S8A1E(N2930): 8.71W
Power Management
ACPI
Battery
3 V / 210 mAH
Environment
Operation
0 ~ 60° C (32 ~ 140° F) (Operational humidity: 40° C @ 95% RH Non-Condensing)
Non-Operation
-40° C ~ 85° C and 60° C @ 95% RH non-condensing
Physical Characteristics
Dimensions (L x W)
100 x 72 mm (3.9" x 2.8")
Weight
MIO-3260L: 0.35 kg (0.77 lb), MIO-3260C: 0.55 kg (1.21 lb), weight of total package
Total Height
Top Side: 15.7 mm (including heatsink); Bottom Side: 8.5 mm; PCB: 1.6 mm
* The specification is supported by request
** MIO-3260C default support GbE only. GbE w/LED is supported by request.
Backlight
On/Off
Watchdog
GPIO
H/W
Monitor
Brightness
Monitoring
SMBus
& I2C
NEW
Software APIs:
Utilities:
18/24 bit LVDS
DDR3L SO-DIMM Socket
All product specifications are subject to change without notice
Last updated : 9-Jun-2015


Similar Part No. - MIO-3260CZ22GS8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3260CZ22GS8A1E ADVANTECH-MIO-3260CZ22GS8A1E Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA, DP/HDMI, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
More results

Similar Description - MIO-3260CZ22GS8A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
MIO-3260L-S8A1E ADVANTECH-MIO-3260L-S8A1E Datasheet
887Kb / 2P
   Intel짰 Atom??E3825 & Celeron짰 N2930 Pico-ITX SBC, DDR3L, 18/24-bit LVDS, VGA, DP/HDMI, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2263 ADVANTECH-MIO-2263 Datasheet
1Mb / 2P
   Intel짰 Atom??SoC E3825/ J1900 Pico-ITX SBC,DDR3L, 24-bit LVDS, VGA or HDMI, 1 GbE,Half-size Mini PCIe, 4 USB, 2 COM, SMBus,mSATA & MIOe
MIO-2262Z-2GS6A1E ADVANTECH-MIO-2262Z-2GS6A1E Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2262 ADVANTECH-MIO-2262_15 Datasheet
924Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA,1 GbE, Full-size Mini PCIe, 4 USB,2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261 Datasheet
1Mb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261_1301 ADVANTECH-MIO-2261_1301 Datasheet
806Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe, 4 USB, 2 COM, SMBus, I2C, mSATA & MIOe
MIO-2261 ADVANTECH-MIO-2261_15 Datasheet
818Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3,18/24-bit LVDS, VGA, 1 GbE, Half-size Mini PCIe,4 USB, 2 COM, SMBus/I2C, mSATA & MIOe
MIO-2260NF-S6A1E ADVANTECH-MIO-2260NF-S6A1E Datasheet
865Kb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2260 ADVANTECH-MIO-2260 Datasheet
1Mb / 2P
   Intel짰 Atom??N455 Pico-ITX SBC, DDR3, 18-bit LVDS, VGA, 1 GbE, Mini PCIe, 2 USB, 2 COM, MIOe
MIO-2262 ADVANTECH-MIO-2262 Datasheet
770Kb / 2P
   Intel짰 Atom??N2600/ N2800 Pico-ITX SBC, DDR3, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe, 18/24-bit LVDS, VGA, 1 GbE, Full-size Mini PCIe,
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com