Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE5CK1001 Datasheet(PDF) 8 Page - Pasternack Enterprises, Inc.

Part # PE5CK1001
Description  Standard kit includes
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE5CK1001 Datasheet(HTML) 8 Page - Pasternack Enterprises, Inc.

Back Button PE5CK1001 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 7Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 8Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 9Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 10Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 11Page - Pasternack Enterprises, Inc. PE5CK1001 Datasheet HTML 12Page - Pasternack Enterprises, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
TECHNICAL DATA SHEET
Description
Minimum
Typical
Maximum
Units
Frequency Range
MHz
Impedance
Ohm
Insertion Loss, DC - 8500 MHz
0.05
0.2
dB
Return Loss, DC - 8500 MHz
30
35
dB
Item
Units
Housing
Connector
Connector Screw Thread
Inch
Dimensions
Inch [mm]
Net Weight
g
Description
PE5SC3003 3.5mm Female Through Specifications
Electrical Specifications
DC - 8500
50
Mechanical Specifications
Phosphor Bronze
50 Ohm 3.5mm Female (Both Ends)
1/4"-36 UNS
0.355 [9] ø, 0.662 [16.8] L
2.4
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 3.5mm General Purpose Calibration Kit Including Short Circuit, Open Circuit, Load and Thru
Components Operating From DC to 8.5 GHz PE5CK1001
PE5CK1001
PE5CK1001 REV 1.0
3.5mm General Purpose Calibration Kit Including Short
Circuit, Open Circuit, Load and Thru Components
Operating From DC to 8.5 GHz


Similar Part No. - PE5CK1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
PE5CK1002 PASTERNACK-PE5CK1002 Datasheet
1Mb / 14P
   Functional from DC to 3 GHz
More results

Similar Description - PE5CK1001

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE5CK1000 PASTERNACK-PE5CK1000 Datasheet
1Mb / 20P
   Standard kit includes
logo
List of Unclassifed Man...
MHD45PK25-K ETC2-MHD45PK25-K Datasheet
155Kb / 1P
   BACKSHELL KIT INCLUDES
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-0545Z AVAGO-AFBR-0545Z Datasheet
272Kb / 5P
   The media converter kit includes
logo
Maxim Integrated Produc...
MAX187EVKIT MAXIM-MAX187EVKIT Datasheet
323Kb / 24P
   Complete Evaluation System Includes EV Kit and 68HC16 C Module
Rev. 0; 9/94
logo
List of Unclassifed Man...
PS25003 ETC2-PS25003 Datasheet
6Mb / 23P
   Demonstration Kit Standard Components
logo
PHOENIX CONTACT
1212422 PHOENIX-1212422 Datasheet
63Kb / 3P
   Tool set - TOOL-KIT STANDARD
logo
Molex Electronics Ltd.
1061261700 MOLEX-1061261700 Datasheet
51Kb / 1P
   LC Adapter Kit, Duplex, Snap Mount, Includes LC Duplex Receptacle and Mounting Plate
logo
PHOENIX CONTACT
WES2009 PHOENIX-WES2009 Datasheet
43Kb / 1P
   Operating system recovery kit for Windows짰 Embedded 2009 and Windows Embedded 7 operating systems. Kit includes a USB drive.
logo
SparkFun Electronics
ROB-12347 SPARKFUN-ROB-12347 Datasheet
96Kb / 1P
   ServoBlock Kit - Hitec Standard (Hub Shaft)
2/10/2016
ROB-13175 SPARKFUN-ROB-13175 Datasheet
102Kb / 1P
   Standard Gripper Kit B - Straight Mount
2/9/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com