Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2SC6017-TL-E Datasheet(PDF) 2 Page - ON Semiconductor

Part No. 2SC6017-TL-E
Description  Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6017-TL-E Datasheet(HTML) 2 Page - ON Semiconductor

  2SC6017-TL-E Datasheet HTML 1Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 2Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 3Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 4Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 5Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 6Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 7Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 8Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2SA2169 / 2SC6017
No.8275-2/10
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
Base Current
IB
(--)2
A
Collector Dissipation
PC
0.95
W
Tc=25°C20
W
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Collector Cutoff Current
ICBO
VCB=(--)40V, IE=0A
(--)10
μA
Emitter Cutoff Current
IEBO
VEB=(--)4V, IC=0A
(--)10
μA
DC Current Gain
hFE
VCE=(--)2V, IC=(--)1A
200
(560)700
Gain-Bandwidth Product
fT
VCE=(--)5V, IC=(--)1A
(130)200
MHz
Output Capacitance
Cob
VCB=(--)10V, f=1MHz
(90)60
pF
Collector-to-Emitter Saturation Voltage
VCE(sat)
IC=(--)5A, IB=(--)250mA
(--290)180
(--580)360
mV
Base-to-Emitter Saturation Voltage
VBE(sat)
IC=(--)5A, IB=(--)250mA
(--)0.93
(--)1.4
V
Collector-to-Base Breakdown Voltage
V(BR)CBO
IC=(--)100μA, IE=0A
(--50)100
V
Collector-to-Emitter Breakdown Voltage
V(BR)CEO
IC=(--)1mA, RBE=∞
(--)50
V
Emitter-to-Base Breakdown Voltage
V(BR)EBO
IE=(--)100μA, IC=0A
(--)6
V
Turn-On Time
ton
See specified Test Circuit.
(70)40
ns
Storage Time
tstg
(650)1000
ns
Fall Time
tf
(60)80
ns
Switching Time Test Circuit
Ordering Information
Device
Package
Shipping
memo
2SA2169-E
TP
500pcs./bag
Pb Free
2SC6017-E
TP
500pcs./bag
2SA2169-TL-E
TP-FA
700pcs./reel
2SC6017-TL-E
TP-FA
700pcs./reel
VR
RB
VCC=20V
VBE= --5V
+
+
50
Ω
INPUT
OUTPUT
RL
100
μF
470
μF
PW=20
μs
IB1
D.C.
≤1%
IB2
IC=20IB1= --20IB2=3A
For PNP, the polarity is reversed.
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.


Similar Part No. - 2SC6017-TL-E

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
2SC6017 ISC-2SC6017 Datasheet
334Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC6017-TL-E

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz