Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

2SC6017-TL-E Datasheet(PDF) 4 Page - ON Semiconductor

Part No. 2SC6017-TL-E
Description  Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC6017-TL-E Datasheet(HTML) 4 Page - ON Semiconductor

  2SC6017-TL-E Datasheet HTML 1Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 2Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 3Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 4Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 5Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 6Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 7Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 8Page - ON Semiconductor 2SC6017-TL-E Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2SA2169 / 2SC6017
No.8275-4/10
f T -- IC
3
100
10
2
7
5
3
2
--0.01
25 7
3
--0.1
25 7
32
5 7
3
--1.0
--10
IT08969
2SA2169
VCE= --5V
f T -- IC
IT08970
2SC6017
VCE=5V
3
100
10
2
7
5
3
2
0.01
25 7
3
0.1
25 7
32
5 7
3
1.0
10
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
3
--1.0
2
--0.01
--0.1
--10
Ta= --25
°C
25
°C
2
7
5
3
23
5
7
2
--1.0
35
7
2
35
7
2SA2169
IC / IB=50
IT08975
2SC6017
IC / IB=50
VBE(sat) -- IC
IT08976
75°C
3
1.0
2
0.01
0.1
10
Ta= --25
°C
25
°C
2
7
5
3
23
5
7
2
1.0
35
7
2
35
7
75°C
--0.01
--0.1
23
5
7
2
3
5
7
2
3
5
7
--1.0
--10
7
5
3
2
7
5
3
2
7
5
3
2
--0.1
--1.0
--0.01
VCE(sat) -- IC
IT08973
Ta=75
°C
25°
C
--25
°C
0.01
0.1
23
5
7
2
3
5
7
2
3
5
7
1.0
10
7
5
3
2
7
5
3
2
0.1
0.01
Ta
=75
°C
25
°C
--2
5°
C
2SA2169
IC / IB=50
VCE(sat) -- IC
IT08974
VCE(sat) -- IC
IT08972
2SC6017
IC / IB=20
--1.0
--0.1
2
3
5
7
2
3
5
7
--0.01
5
7
3
--0.01
--0.1
23
5
7
23
5
7
23
5
7
--1.0
--10
VCE(sat) -- IC
Ta
=75
°C
--25
°C
IT08971
2SA2169
IC / IB=20
25°
C
1.0
0.1
2
3
5
7
2
3
5
7
0.01
5
7
3
0.01
0.1
23
5
7
23
5
7
23
5
7
1.0
10
Ta
=75
°C
--25
°C
25°
C
2SC6017
IC / IB=50
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A


Similar Part No. - 2SC6017-TL-E

ManufacturerPart No.DatasheetDescription
Sanyo Semicon Device
Sanyo Semicon Device
2SC6017 SANYO-2SC6017 Datasheet
55Kb / 5P
   PNP / NPN Epitaxial Planar Silicon Transistors High-Current Switching Applications
Inchange Semiconductor Company Limited
Inchange Semiconductor ...
2SC6017 ISC-2SC6017 Datasheet
334Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC6017-TL-E

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz