Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1801 Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SD1801
Description  Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1801 Datasheet(HTML) 3 Page - ON Semiconductor

  2SD1801 Datasheet HTML 1Page - ON Semiconductor 2SD1801 Datasheet HTML 2Page - ON Semiconductor 2SD1801 Datasheet HTML 3Page - ON Semiconductor 2SD1801 Datasheet HTML 4Page - ON Semiconductor 2SD1801 Datasheet HTML 5Page - ON Semiconductor 2SD1801 Datasheet HTML 6Page - ON Semiconductor 2SD1801 Datasheet HTML 7Page - ON Semiconductor 2SD1801 Datasheet HTML 8Page - ON Semiconductor 2SD1801 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2SB1201 / 2SD1801
No.2112-3/10
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
hFE -- IC
Collector Current, IC -- A
--2.4
--1.6
--1.2
--0.8
--0.4
--2.0
0
0
--0.4
--0.8
--2.4
--2.0
--1.6
--1.2
ITR09144
ITR09145
2.4
1.6
1.2
0.8
0.4
2.0
0
0
0.4
0.8
2.4
2.0
1.6
1.2
--20mA
IB=0
--10mA
--2mA
--8mA
--6mA
--4mA
2SB1201
IB=0
2mA
15mA
25mA
40mA
50mA
4mA
8mA
2SD1801
0
--0.2
--0.4
--0.6
--0.8
--1.2
--1.0
--1.6
--1.2
--2.4
--2.0
--0.8
--0.4
0
ITR09148
2SB1201
VCE= --2V
ITR09149
2
3
5
7
7
1000
2
3
5
100
23
5
57
7
7
--0.01
--0.1
23
5
23
--1.0
ITR09150
2SB1201
VCE= --2V
Ta=75°C
25°C
--25°C
ITR09151
0
0.2
0.4
0.6
0.8
1.2
1.0
1.6
1.2
2.4
2.0
0.8
0.4
0
2SD1801
VCE=2V
--1200
--800
--600
--400
--200
--1000
0
0
--2
--4
--12
--10
--8
--6
IB=0
ITR09146
2SB1201
--7mA
--6mA
--5mA
--4mA
--3mA
--2mA
--1mA
ITR09147
1200
800
600
400
200
1000
0
02
4
12
10
8
6
2SD1801
IB=0
7mA
6mA
5mA
4mA
3mA
2mA
1mA
2
3
5
7
7
1000
2
3
5
100
23
5
57
7
7
0.01
0.1
23
5
23
1.0
Ta=75°C
25
°C
--25°C
2SD1801
VCE=2V


Similar Part No. - 2SD1801

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SD1801 SANYO-2SD1801 Datasheet
123Kb / 4P
   High-Current Switching Applications
logo
Inchange Semiconductor ...
2SD1801 ISC-2SD1801 Datasheet
332Kb / 3P
   isc Silicon NPN Power Transistor
logo
Guangdong Kexin Industr...
2SD1801-R KEXIN-2SD1801-R Datasheet
1Mb / 3P
   NPN Transistors
2SD1801-S KEXIN-2SD1801-S Datasheet
1Mb / 3P
   NPN Transistors
2SD1801-T KEXIN-2SD1801-T Datasheet
1Mb / 3P
   NPN Transistors
More results

Similar Description - 2SD1801

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com