Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1802T-E Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2SD1802T-E
Description  Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1802T-E Datasheet(HTML) 4 Page - ON Semiconductor

  2SD1802T-E Datasheet HTML 1Page - ON Semiconductor 2SD1802T-E Datasheet HTML 2Page - ON Semiconductor 2SD1802T-E Datasheet HTML 3Page - ON Semiconductor 2SD1802T-E Datasheet HTML 4Page - ON Semiconductor 2SD1802T-E Datasheet HTML 5Page - ON Semiconductor 2SD1802T-E Datasheet HTML 6Page - ON Semiconductor 2SD1802T-E Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
2SB1202/2SD1802
No.2113-4/7
--0.1
--1.0
3
25
7
3
25
7
3
2
--0.01
2SB1202
VCE= --10V
100
3
2
7
5
1000
3
2
7
5
10
ITR09170
0.1
1.0
3
25
7
3
25
7
3
2
0.01
2SD1802
VCE=10V
100
3
2
7
5
1000
3
2
7
5
10
ITR09171
--1.0
--10
5
7
3
5
7
3
2
1.0
10
7
5
3
7
5
3
2
2SD1667
ITR09176
ITR09177
Ta= --25
°C
25
°C
2SB1202
IC / IB=20
2SD1802
IC / IB=20
75
°C
Ta=
--25
°C
75°
C
Ta=
--25
°C
75°
C
Ta= --25°C
25
°C
75
°C
--0.1
--0.01
23
5
57
2
3
5
7
2
3
5
7
--1.0
--1000
5
3
2
7
5
3
2
7
--100
--10
ITR09174
ITR09175
0.01
0.1
72
3
5
57
2
3
5
7
2
3
5
1.0
--0.1
--0.01
23
5
57
2
3
5
7
2
3
5
7
--1.0
0.01
0.1
72
3
5
57
2
3
5
7
2
3
5
1.0
1000
5
3
7
2
5
3
7
2
100
10
25
°C
2SB1202
IC / IB=20
2SD1802
IC / IB=20
25°
C
37
2
1.0
10
53
7
2
100
5
ITR09173
2SD1802
f=1MHz
3
2
7
5
3
2
5
100
10
3
2
7
5
3
2
5
100
10
37
2
--1.0
--10
53
7
2
--100
5
ITR09172
2SB1202
f=1MHz
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector to Base Voltage, VCB -- V
Cob -- VCB
Collector to Base Voltage, VCB -- V
VBE(sat) -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A


Similar Part No. - 2SD1802T-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SD1802T-E ONSEMI-2SD1802T-E Datasheet
100Kb / 7P
   Bipolar Transistor
September, 2013
2SD1802T-E ONSEMI-2SD1802T-E Datasheet
215Kb / 8P
   Bipolar Transistor
March, 2019 ??Rev. 0
logo
Sanyo Semicon Device
2SD1802T-E SANYO-2SD1802T-E Datasheet
500Kb / 10P
   High-Current Switching Applications
2SD1802T-ETP SANYO-2SD1802T-ETP Datasheet
500Kb / 10P
   High-Current Switching Applications
More results

Similar Description - 2SD1802T-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SA2126 ONSEMI-2SA2126 Datasheet
382Kb / 9P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SB1201 ONSEMI-2SB1201 Datasheet
388Kb / 10P
   Bipolar Transistor (-)50V, (-)2A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1204 ONSEMI-2SB1204 Datasheet
378Kb / 9P
   Bipolar Transistor -50V, -8A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com