Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4134T-E Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2SC4134T-E
Description  Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4134T-E Datasheet(HTML) 3 Page - ON Semiconductor

  2SC4134T-E Datasheet HTML 1Page - ON Semiconductor 2SC4134T-E Datasheet HTML 2Page - ON Semiconductor 2SC4134T-E Datasheet HTML 3Page - ON Semiconductor 2SC4134T-E Datasheet HTML 4Page - ON Semiconductor 2SC4134T-E Datasheet HTML 5Page - ON Semiconductor 2SC4134T-E Datasheet HTML 6Page - ON Semiconductor 2SC4134T-E Datasheet HTML 7Page - ON Semiconductor 2SC4134T-E Datasheet HTML 8Page - ON Semiconductor 2SC4134T-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SC4134
No.2510-3/9
1.0
0.8
0.6
0.4
0.2
0
01
3
24
5
IB=0
ITR03996
2mA
1mA
3mA
5mA
15mA
10mA
30mA
25mA
20mA
500
400
300
200
100
0
010
30
20
40
50
IB=0
ITR03998
0.5mA
1.0mA
2.0mA
1.5mA
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
0
0.2
0.4
0.6
0.8
1.0
1.2
0
0.2
0.4
0.6
0.8
1.0
1.2
ITR04000
VCE=5V
10
2
3
5
7
100
2
3
5
7
1000
72
3
5
7
0.01
0.1
23
23
57
1.0
ITR04002
VCE=5V
25°C
--25°C
Ta=75°C
ITR04004
3
5
5
3
2
7
7
1.0
10
2
73
5
7
2
2
35
7
0.01
0.1
1.0
IC / IB=10
75°C
25
°C
Ta=--25°C
2
7
5
3
2
7
5
3
100
1000
2
73
5
2
72
3
5
7
0.01
0.1
1.0
ITR04006
IC / IB=10
25
°C
Ta=75°C
--25
°C
100
10
0.01
0.1
3
2
2
7
5
3
27
35
27
73
5
1.0
ITR04007
100
10
1.0
10
2
7
5
3
2
7
5
3
22
7
35
27
73
5
100
ITR04008
VCE=10V
f=1kHz
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
hFE -- IC
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
f T -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V


Similar Part No. - 2SC4134T-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4134 SANYO-2SC4134 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC4134 KEXIN-2SC4134 Datasheet
45Kb / 2P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SC4134 SANYO-2SC4134 Datasheet
111Kb / 5P
   High-Voltage Switching Applications
logo
Inchange Semiconductor ...
2SC4134 ISC-2SC4134 Datasheet
329Kb / 3P
   isc Silicon NPN Power Transistor
More results

Similar Description - 2SC4134T-E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1215 ONSEMI-2SB1215 Datasheet
106Kb / 7P
   Bipolar Transistor (-)100V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
November, 2013
2SB1216 ONSEMI-2SB1216_13 Datasheet
366Kb / 9P
   Bipolar Transistor (-)100V, (-)4A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2205 ONSEMI-2SA2205 Datasheet
365Kb / 9P
   Bipolar Transistor -100V, -2A, Low VCE(sat), PNP Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SD1805 ONSEMI-2SD1805 Datasheet
405Kb / 9P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com