Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG05GBUSC Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG05GBUSC
Description  Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05GBUSC Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG05GBUSC_15 Datasheet HTML 1Page - KEC(Korea Electronics) PG05GBUSC_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 3. 31
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG05GBUSC
Single Line TVS Diode for ESD
Protection in Portable Electronics
Revision No : 2
Protection in Portable Electronics Applications.
FEATURES
・350 Watts peak pulse power (tp=8/20μs)
・Transient protection for data lines to
IEC 61000-4-2(ESD) 15kV(Air), 8kV(Contact)
IEC 61000-4-4(EFT) 40A(tp=5/50ns)
IEC 61000-4-5(Lightning) 24A(tp=8/20
μs)
・Bidirectional Type Pin Configuration Structure.
・Small package for use in portable electronics.
・Suitable replacement for Multi-Layer Varistors in ESD protection applications.
・Protects on I/O or power line.
・Low clamping voltage.
・Low leakage current.
APPLICATIONS
・Cell phone handsets and accessories.
・Microprocessor based equipment.
・Personal digital assistants (PDA s)
・Notebooks, desktops, & servers.
・Portable instrumentation.
・Pagers peripherals.
MAXIMUM RATING (Ta=25
℃)
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20
μs)
PPK
350
W
Peak Pulse Current (tp=8/20
μs)
IPP
24
A
Operating Temperature
Tj
-55
~150
Storage Temperature
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=1mA
6
-
-
V
Reverse Leakage Current
IR
VRWM=5V
-
-
10
μA
Clamping Voltage
VC
IPP=24A, tp=8/20μ
s
-
-
14.5
V
Junction Capacitance
CJ
VR=0V, f=1MHz
-
-
200
pF


Similar Part No. - PG05GBUSC_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05GBUSC KEC-PG05GBUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results

Similar Description - PG05GBUSC_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC_15 Datasheet
549Kb / 2P
   Protection in Portable Electronics
PG05DXTE6 KEC-PG05DXTE6_15 Datasheet
350Kb / 2P
   Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC_15 Datasheet
532Kb / 2P
   Protection in Portable Electronics
PG05GBUSV KEC-PG05GBUSV_15 Datasheet
37Kb / 2P
   Protection in Portable Electronics
PG05HBTS6 KEC-PG05HBTS6_15 Datasheet
399Kb / 2P
   Protection in Portable Electronics
PG05HXTS6 KEC-PG05HXTS6_15 Datasheet
587Kb / 2P
   Protection in Portable Electronics
PG15FBUSC KEC-PG15FBUSC_15 Datasheet
34Kb / 2P
   Protection in Portable Electronics
PG15GSUSC KEC-PG15GSUSC_15 Datasheet
34Kb / 2P
   Protection in Portable Electronics
PG24FBTS6 KEC-PG24FBTS6_15 Datasheet
399Kb / 2P
   Protection in Portable Electronics
PG03DBTFC KEC-PG03DBTFC_15 Datasheet
464Kb / 2P
   Protection in Portable Electronics
PG03EAESM KEC-PG03EAESM_15 Datasheet
351Kb / 2P
   Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com