Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG05TBUL2 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # PG05TBUL2
Description  Single Line TVS Diode for ESD Protection in Portable Electronics
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

PG05TBUL2 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  PG05TBUL2_15 Datasheet HTML 1Page - KEC(Korea Electronics) PG05TBUL2_15 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 7. 25
1/2
SEMICONDUCTOR
TECHNICAL DATA
PG05TBUL2
Single Line TVS Diode for ESD
Protection in Portable Electronics
Revision No : 1
Protection in Portable Electronics Applications.
FEATURES
・Transient protection for data lines to
IEC 61000-4-2(ESD) :
±8kV(contact), ±15kV(Air)
IEC 61000-4-4(EFT) : 2.5kV/50A
IEC 61000-4-5(Surge) 4A(tp=8/20
μs)
・Small package for use in portable electronics.
・Suitable replacement for Multi-Layer Varistors in ESD
protection applications.
(* Multi-Layer Varistors [0402 Size])
・Protects on I/O or power line.
・Low clamping voltage.
・Low leakage current.
APPLICATIONS
・USB 2.0, 10/100/1000 Ethernet, FireWire, DVI, HDMI, S-ATA
・Mobile Communication
・Consumer Products (STB, MP3, DVD, DSC...)
・LCD-Display, Camera
・Notebooks and desktop computers, peripherals
MAXIMUM RATING (Ta=25
℃)
ULP-2
+
_
+
_
+
_
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Peak Pulse Power (tp=8/20
μs)
PPK
100
W
Peak Pulse Current (tp=8/20
μs)
IPP
4
A
Junction Temperature
TJ
150
Storage Temperature
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Reverse Stand-Off Voltage
VRWM
-
-
-
5
V
Reverse Breakdown Voltage
VBR
It=1mA
7
-
-
V
Reverse Leakage Current
IR
VRWM=5.3V
-
-
1
μA
Clamping Voltage
VC
IPP=1A, tp=8/20μ
s
-
13
-
V
IPP=4A, tp=8/20μ
s
-
20
25
Junction Capacitance
CJ
VR=0V, f=1MHz
-
0.3
0.5
pF


Similar Part No. - PG05TBUL2_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG05TBUL2A KEC-PG05TBUL2A_15 Datasheet
358Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results

Similar Description - PG05TBUL2_15

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG03JSUSC KEC-PG03JSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW PANJIT-PJSD05CW Datasheet
85Kb / 4P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Samtec, Inc
SD05.TCT SAMTEC-SD05.TCT Datasheet
147Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Semtech Corporation
SD05 SEMTECH-SD05 Datasheet
137Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
SD05C SEMTECH-SD05C Datasheet
143Kb / 7P
   Single Line TVS Diode for ESD Protection in Portable Electronics?
logo
KEC(Korea Electronics)
PG24FSUSC KEC-PG24FSUSC Datasheet
36Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05UBUL2 KEC-PG05UBUL2 Datasheet
52Kb / 3P
   Single Line TVS Diode for ESD Protection in Portable Electronics
logo
Pan Jit International I...
PJSD05CW-AU PANJIT-PJSD05CW-AU Datasheet
96Kb / 6P
   Single Line TVS Diode for ESD Protection in Portable Electronics
May 25,2016-REV.05
PJSD05W PANJIT-PJSD05W Datasheet
773Kb / 5P
   SINGLE LINE TVS DIODE FOR ESD PROTECTION IN PORTABLE ELECTRONICS
logo
KEC(Korea Electronics)
PG12FBUSC KEC-PG12FBUSC_15 Datasheet
540Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
PG05FSESC KEC-PG05FSESC Datasheet
35Kb / 2P
   Single Line TVS Diode for ESD Protection in Portable Electronics
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com