Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE71S6197 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE71S6197
Description  SP6T Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE71S6197 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE71S6197 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE71S6197 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE71S6197 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE71S6197 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
PE71S6197 CAD Drawing
SPDT Electromechanical Relay Switch DC to 10 GHz, N, 320 Watts, 28V Control
PE71S6197 REV 1.0


Similar Part No. - PE71S6197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6190 PASTERNACK-PE71S6190 Datasheet
412Kb / 4P
   SP4T Switch
PE71S6191 PASTERNACK-PE71S6191 Datasheet
413Kb / 4P
   DC to 10 GHz Operating Frequency Range
PE71S6192 PASTERNACK-PE71S6192 Datasheet
495Kb / 6P
   SP4T Switch
PE71S6193 PASTERNACK-PE71S6193 Datasheet
436Kb / 4P
   SP4T Electromechanical Relay Switch DC to 10 GHz, N, 50 Watts, 28V Control with Indicators, Normally Open, TTL
PE71S6194 PASTERNACK-PE71S6194 Datasheet
424Kb / 4P
   DC to 10 GHz Operating Frequency Range
More results

Similar Description - PE71S6197

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE71S6189 PASTERNACK-PE71S6189 Datasheet
458Kb / 4P
   SP6T Switch
PE71S6186 PASTERNACK-PE71S6186 Datasheet
424Kb / 4P
   SP6T Switch
logo
Mini-Circuits
MSP6T-12-12D MINI-MSP6T-12-12D Datasheet
377Kb / 3P
   SP6T Switch
MSP6TA-12D MINI-MSP6TA-12D Datasheet
327Kb / 3P
   SP6T Switch
logo
Pasternack Enterprises,...
PE71S6200 PASTERNACK-PE71S6200 Datasheet
753Kb / 6P
   SP6T Switch
PE71S6187 PASTERNACK-PE71S6187 Datasheet
418Kb / 4P
   SP6T Switch
PE71S6188 PASTERNACK-PE71S6188 Datasheet
463Kb / 4P
   SP6T Switch
PE71S6201 PASTERNACK-PE71S6201 Datasheet
757Kb / 6P
   SP6T Switch
PE71S6206 PASTERNACK-PE71S6206 Datasheet
507Kb / 7P
   SP6T Switch
logo
Mini-Circuits
MSP6TA-12-12D MINI-MSP6TA-12-12D Datasheet
364Kb / 3P
   SP6T Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com