Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBC856BWT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # SBC856BWT1G
Description  General Purpose Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SBC856BWT1G Datasheet(HTML) 5 Page - ON Semiconductor

  SBC856BWT1G Datasheet HTML 1Page - ON Semiconductor SBC856BWT1G Datasheet HTML 2Page - ON Semiconductor SBC856BWT1G Datasheet HTML 3Page - ON Semiconductor SBC856BWT1G Datasheet HTML 4Page - ON Semiconductor SBC856BWT1G Datasheet HTML 5Page - ON Semiconductor SBC856BWT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
BC856B, BC857B, BC858A
www.onsemi.com
5
Figure 13. Thermal Response
t, TIME (ms)
1.0
2.0
5.0
1.0
0.5
0.2
0.1
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
0.01
20
50
10
200
500
100
1.0k
2.0k
5.0k
10k
Figure 14. Active Region Safe Operating Area
VCE, COLLECTOR-EMITTER VOLTAGE (V)
-200
-1.0
TA = 25°C
D = 0.5
0.2
0.1
0.05
SINGLE PULSE
SINGLE PULSE
BONDING WIRE LIMIT
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
3 ms
TJ = 25°C
ZqJC(t) = r(t) RqJC
RqJC = 83.3°C/W MAX
ZqJA(t) = r(t) RqJA
RqJA = 200°C/W MAX
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) − TC = P(pk) RqJC(t)
t1
t2
P(pk)
DUTY CYCLE, D = t1/t2
-100
-50
-10
-5.0
-2.0
-5.0
-10
-30 -45 -65
-100
1 s
BC858
BC857
BC856
The safe operating area curves indicate IC−VCE lim-
its of the transistor that must be observed for reliable oper-
ation. Collector load lines for specific circuits must fall
below the limits indicated by the applicable curve.
The data of Figure 14 is based upon TJ(pk) = 150
°C; TC
or TA is variable depending upon conditions. Pulse curves
are valid for duty cycles to 10% provided TJ(pk)
≤ 150°C.
TJ(pk) may be calculated from the data in Figure 13. At
high case or ambient temperatures, thermal limitations
will reduce the power that can be handled to values less
than the limitations imposed by the secondary breakdown.
ORDERING INFORMATION
Device
Marking
Package
Shipping
BC856BWT1G
3B
SC−70/SOT−323
(Pb−Free)
3,000 / Tape & Reel
SBC856BWT1G*
BC857BWT1G
3F
SC−70/SOT−323
(Pb−Free)
3,000 / Tape & Reel
SBC857BWT1G*
BC857CWT1G
3G
SC−70/SOT−323
(Pb−Free)
3,000 / Tape & Reel
NSVBC857CWT1G*
BC858AWT1G
3J
SC−70/SOT−323
(Pb−Free)
3,000 / Tape & Reel
BC858BWT1G
3K
SC−70/SOT−323
(Pb−Free)
3,000 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*S and NSV Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and
PPAP Capable.


Similar Part No. - SBC856BWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SBC856BDW1T1G ONSEMI-SBC856BDW1T1G Datasheet
123Kb / 7P
   Dual General Purpose Transistors
June, 2013 ??Rev. 9
SBC856BDW1T1G ONSEMI-SBC856BDW1T1G Datasheet
88Kb / 7P
   Dual General Purpose Transistors
August, 2016 ??Rev. 10
SBC856BDW1T3G ONSEMI-SBC856BDW1T3G Datasheet
123Kb / 7P
   Dual General Purpose Transistors
June, 2013 ??Rev. 9
SBC856BDW1T3G ONSEMI-SBC856BDW1T3G Datasheet
88Kb / 7P
   Dual General Purpose Transistors
August, 2016 ??Rev. 10
SBC856BLT1G ONSEMI-SBC856BLT1G Datasheet
154Kb / 7P
   General Purpose Transistors
October, 2016 ??Rev. 15
More results

Similar Description - SBC856BWT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com