Electronic Components Datasheet Search |
|
BC849BLT3G Datasheet(PDF) 2 Page - ON Semiconductor |
|
BC849BLT3G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 13 page BC846ALT1G Series www.onsemi.com 2 ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Collector − Emitter Breakdown Voltage BC846A, B (IC = 10 mA) BC847A, B, C, BC850B, C BC848A, B, C, BC849B, C V(BR)CEO 65 45 30 − − − − − − V Collector − Emitter Breakdown Voltage BC846A, B (IC = 10 mA, VEB = 0) BC847A, B, C BC850B, C BC848A, B, C, BC849B, C V(BR)CES 80 50 30 − − − − − − V Collector − Base Breakdown Voltage BC846A, B (IC = 10 mA) BC847A, B, C, BC850B, C BC848A, B, C, BC849B, C V(BR)CBO 80 50 30 − − − − − − V Emitter − Base Breakdown Voltage BC846A, B (IE = 1.0 mA) BC847A, B, C, BC850B, C BC848A, B, C, BC849B, C V(BR)EBO 6.0 6.0 5.0 − − − − − − V Collector Cutoff Current (VCB = 30 V) (VCB = 30 V, TA = 150°C) ICBO − − − − 15 5.0 nA mA ON CHARACTERISTICS DC Current Gain BC846A, BC847A, BC848A (IC = 10 mA, VCE = 5.0 V) BC846B, BC847B, BC848B BC847C, BC848C (IC = 2.0 mA, VCE = 5.0 V) BC846A, BC847A, BC848A BC846B, BC847B, BC848B, BC849B, BC850B BC847C, BC848C, BC849C, BC850C hFE − − − 110 200 420 90 150 270 180 290 520 − − − 220 450 800 − Collector − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Collector − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) VCE(sat) − − − − 0.25 0.6 V Base − Emitter Saturation Voltage (IC = 10 mA, IB = 0.5 mA) Base − Emitter Saturation Voltage (IC = 100 mA, IB = 5.0 mA) VBE(sat) − − 0.7 0.9 − − V Base − Emitter Voltage (IC = 2.0 mA, VCE = 5.0 V) Base − Emitter Voltage (IC = 10 mA, VCE = 5.0 V) VBE(on) 580 − 660 − 700 770 mV SMALL− SIGNAL CHARACTERISTICS Current − Gain − Bandwidth Product (IC = 10 mA, VCE = 5.0 Vdc, f = 100 MHz) fT 100 − − MHz Output Capacitance (VCB = 10 V, f = 1.0 MHz) Cobo − − 4.5 pF Noise Figure (IC = 0.2 mA, VCE = 5.0 Vdc, RS = 2.0 kW, BC846A,B, BC847A,B,C, BC848A,B,C f = 1.0 kHz, BW = 200 Hz) BC849B,C, BC850B,C NF − − − − 10 4.0 dB Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be indicated by the Electrical Characteristics if operated under different conditions. |
Similar Part No. - BC849BLT3G |
|
Similar Description - BC849BLT3G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |