Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-5893RG-U2A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-5893RG-U2A1E
Description  Second generation AMD embedded R-Series APU COM Express짰 Basic Module
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-5893RG-U2A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-5893RG-U2A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-5893RG-U2A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-5893
Ordering Information
Part No.
CPU
Freq.
CPU
TDP
LLC PCH
DDR3
SODIMM LVDS
VGA DDI
Giga
LAN
HD A PEG
x16
PCIe
x1
USB
2.0
USB
3.0
SATA III
LPC
Power
Thermal
solution
Operating
Temp.
SOM-5893RG-U7A1E
RX-427BB 2.7 GHz
35W
4
A77E
non-ECC
18/24 bit Yes
3
1
Yes
1
7
8
4
4
Yes
AT/ATX
Active
0 ~6 0° C
SOM-5893RG-U5A1E
RX-425BB 2.5 GHz
35W
4
A77E
non-ECC
18/24 bit Yes
3
1
Yes
1
7
8
4
4
Yes
AT/ATX
Active
0 ~6 0° C
SOM-5893RG-U2A1E
RX-225FB 2.2 GHz
17W
1
A77E
non-ECC
18/24 bit Yes
3
1
Yes
1*
7
8
4
4
Yes
AT/ATX
Active
0 ~6 0° C
* up to PCIe x8
Development Board
Part No.
Description
SOM-DB5800-00A2E
COM Express Development Board A2 Type 6 Pin-out
Packing List
Part No.
Description
Quantity
-
SOM-5893 CPU Module
1
1960069427N001
Heatspreader
1
Dual Channel
DDR3L 1600MHz
up to 16GB SODIMM
DDI 1
eDP
Dual Channel
LVDS
DDl 2
4 USB3.0
1 PCIe x1
(up to 2 PCIe x1 when remove GIGA LAN)
UMI
DP2
PCIe x16
DDI3 (Option)
(#0-7)
(#8-11)
GPIO
AMD
2nd generation
R-series APU
Converter
CH7511
1 PCIe x1
2 PCIe x1
Analog VGA
8 USB 2.0
HD Audio
4 SATA 3.0
4 PCIe x1
LPC Bus
SMBus
SPI Bus
WDT/GPIO/I2C
RS1/RS2/FAN
Ethernet
GIGA LAN
I211AT
AMD A77E FCH
iManager
TPM1.2
(Option)
EFI BIOS
DDI
X4 X16
X8
Optional Accessories
Part No.
Description
1960048820N001
Semi-Cooler 125x95x33.5mm with 12V Fan
96LEDK-I057VG50NA1
5.7" LED PANEL 500N 640x480(G)
AM-640480G2TNQW-A0H
96LEDK-C150XG40NG1
15" LED PANEL 400N 1024 x 768(G) G150XGE-L04
96LEDK-A170SX35NF1
17" LED PANEL 350N 1280x1024(G) G170EG01 V1
Embedded OS
OS
Part No.
Description
WES7E
2070013322
img WES7E SOM-5893 x64 v5.6.8 ENG; SAP
WE8S
2070013318
img WE8S SOM-5893 x64 v6.5.2 ENG


Similar Part No. - SOM-5893RG-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-5893RG-U2A1E ADVANTECH-SOM-5893RG-U2A1E Datasheet
927Kb / 2P
   Second generation AMD embedded
More results

Similar Description - SOM-5893RG-U2A1E

ManufacturerPart #DatasheetDescription
logo
Adlink Technology Inc.
EXPRESS-BE ADLINK-EXPRESS-BE Datasheet
261Kb / 4P
   COM Express Basic Size Type 6 Module with AMD Embedded R-Series APU
logo
DFI Inc
CM901-B DFI-CM901-B Datasheet
968Kb / 2P
   AMD Embedded R-Series COM Express Basic
logo
Advantech Co., Ltd.
SOM-5893 ADVANTECH-SOM-5893_17 Datasheet
927Kb / 2P
   Second generation AMD embedded
logo
Axiomtek Co., Ltd.
CEM100 AXIOMTEK-CEM100_17 Datasheet
242Kb / 1P
   COM Express Type 2 Basic Module with AMD G-Series APU and AMD A55E
logo
Adlink Technology Inc.
AMITX-BE-G ADLINK-AMITX-BE-G Datasheet
439Kb / 4P
   Mini-ITX Embedded Board with AMD Embedded R-Series APU
logo
Advantech Co., Ltd.
SOM-5871 ADVANTECH-SOM-5871 Datasheet
972Kb / 2P
   AMD Embedded V-Series V1000 COM Express Basic Module Type 6
SOM-5788Z-S1A1E ADVANTECH-SOM-5788Z-S1A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788 ADVANTECH-SOM-5788_15 Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
SOM-5788Z-U0A1E ADVANTECH-SOM-5788Z-U0A1E Datasheet
655Kb / 2P
   Intel짰 Core??Processor COM Express짰 Basic Module
logo
Adlink Technology Inc.
EXPRESS-CFR ADLINK-EXPRESS-CFR Datasheet
512Kb / 4P
   COM Express짰 Basic Size Type 6 Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com