Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-6896C7-U2A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # SOM-6896C7-U2A1E
Description  5th Gen Intel짰 Core??/ Celeron짰 Processors COM Express Compact Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6896C7-U2A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  SOM-6896C7-U2A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6896C7-U2A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
SOM-6896
Ordering Information
Part No.
CPU + PCH
Frq.
Core
LLC
TDP
DDR3L Memory
Thermal Solution
Operating Temperature
SOM-6896C7-U2A1E
Intel i7-5650U
2.2GHz
2
4M
15W
Non-ECC
Active
0 ~ 60° C
SOM-6896C5-S8A1E
Intel i5-5350U
1.8GHz
2
3M
15W
Non-ECC
Active
0 ~ 60° C
SOM-6896C3-U1A1E
Intel i3-5010U
2.1GHz
2
3M
15W
Non-ECC
Active
0 ~ 60° C
SOM-6896CR-S9A1E
Celeron® 3765U
1.9GHz
2
2M
15W
Non-ECC
Active
0 ~ 60° C
Note: Passive = fanless; Active = with fan
Packing List
Part No.
Description
Quantity
-
SOM-6896 CPU Module
1
1960069307N001
Heatspreader
1
Development Board
Part No.
Description
SOM-DB5800-00A2E
COM Express Development Board A2 Type 6 Pin-out
Optional Accessories
Part No.
Description
1960048819N001
Semi-Cooler 95 x 95 x 33.5 mm with 12V fan
96LEDK-I057VG50NA1
5.7" LED PANEL 500N 640X480(G)
96LEDK-A084SV45NB2 8.4" LED PANEL 450N 800X600(G) G084SN05 V9
96LEDK-C150XG40NG1 15" LED PANEL 400N 1024X768(G) G150XGE-L04
96LEDK-A170SX35NF1 17" LED 350N 1280X1024(G) G170EG01 V1
Embedded OS
OS
Part No.
Description
WEC
TBD
TBD
WES
TBD
TBD
Expansion Compatibility Table
PCIe x1
PEG (x4)
LAN
SATA
Default
4
0
1
4
Optional
3
1
1
4
HD Audio
4 PCIex1
8 USB2.0
4 SATA3
WDT / GPIO / I2C
SMBus
SPI Bus
LPC BUS (24MHz)
1 PCIex1
Giga LAN
eDP
RS1/ RS2/ FAN
Dual LVDS Channel
Unbuered
204pin SO-DIMM x 2
1333/1600MHz
up to 16GB
Dual Channel DDR3L
(Optional 1 PCIex4)
2 USB3.0
DDI Port 1 HDMI / DisplayPort / DVI
DDI Port 2 HDMI / DisplayPort / DVI
Option with Analog VGA
iManager
TPM1.2
SPI BIOS
- Optional function
VR12.6
5th Gen Intel® Core™ /
Celeron® Processors
U-Series (SoC)
Chrontel
CH7511
DDI Port 2 DP
Analog VGA
Chrontel
CH7517
Intel®
I218LM


Similar Part No. - SOM-6896C7-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6896C7-U2A1E ADVANTECH-SOM-6896C7-U2A1E Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
More results

Similar Description - SOM-6896C7-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6898 ADVANTECH-SOM-6898 Datasheet
890Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897_17 Datasheet
888Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
Axiomtek Co., Ltd.
CEM881 AXIOMTEK-CEM881 Datasheet
153Kb / 1P
   5th/4th Generation Intel Core COM Express Type 6 Compact Module
logo
List of Unclassifed Man...
EMETXE-I67M2 ETC2-EMETXE-I67M2 Datasheet
419Kb / 2P
   Intel짰 2nd Gen. Core COM Express Basic Type 6 CPU Module
logo
Axiomtek Co., Ltd.
CEM881 AXIOMTEK-CEM881_17 Datasheet
203Kb / 1P
   COM Express Type 6 Compact Module with 5th/4th Gen Intel Core i7/i5/i3
logo
List of Unclassifed Man...
EmETXe-i77M2-3517UE ETC2-EmETXe-i77M2-3517UE Datasheet
431Kb / 2P
   Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
logo
Advantech Co., Ltd.
SOM-5898 ADVANTECH-SOM-5898 Datasheet
900Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com