Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOM-6896C3-U1A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # SOM-6896C3-U1A1E
Description  5th Gen Intel짰 Core??/ Celeron짰 Processors COM Express Compact Module Type 6
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

SOM-6896C3-U1A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  SOM-6896C3-U1A1E Datasheet HTML 1Page - Advantech Co., Ltd. SOM-6896C3-U1A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Computer On Modules
Features
5th Gen Intel® Core™ / Celeron®
Processors COM Express Compact
Module Type 6
SOM-6896
ƒ 5th Gen Intel® Core™ / Celeron® Processors U-Series (SoC)
ƒ Dual Channel DDR3L 1600 SODIMM sockets up to 16 GB
ƒ 3 independent displays: VGA, LVDS, HDMI/DisplayPort/DVI
ƒ Resolutions up to 4096 x 2304 (4K2K) @ 60 Hz
ƒ iManager, SUSIAccess and Embedded Software APIs
Brightness
Control
Watchdog
GPIO
H/W Monitor
I2C
SMBus
Software APIs:
Utilities:
Monitoring
BIOS flash
Embedded
Security ID
Specifications
Form Factor
Form Factor
COM Express Compact Module
Pin-out Type
COM Express R2.1 Type 6
Processor System
CPU + PCH
5th Gen Intel® Core™ / Celeron® Processors
Intel® i7-5650U
Intel® i5-5350U
Intel® i3-5010U
Celeron® 3765U
Base Frequency
2.2GHz
1.8GHz
2.1GHz
1.9GHz
Max Turbo Frequency
3.1GHz
2.9GHz
N/A
N/A
Core / Thread
2/4
2/4
2/4
2/2
LLC
4M
3M
3M
2M
CPU TDP
15W
15W
15W
15W
BIOS
AMI UEFI BIOS 128 Mb
Memory
Technology
DDR3L 1600
ECC Support
N/A
Channel / Socket
Dual Channels / 2 x 204P SODIMMs
Max. Capacity
16GB
Graphics
Controller
Intel® HD graphics 6000
Intel® HD graphics 6000
Intel® HD graphics 5500
Intel® HD graphics
Max. Frequency
1GHz
1GHz
0.9GHz
850MHz
Graphic Memory
TBD
3D/HW Acceleration
DX 11.1, OptionGL 4.0/4.2, OCL1.2, HW Decode/Encode for H.264/AVC, VC-1, SVC, MPEG2, Decode for VP8
Display
VGA
1920 x 1200
LVDS
Single and dual channel 18/24-bit resolutions up to 1920 x 1200
DDI (HDMI/DVI/DisplayPort)
DDI 1: support HDMI (1.4a specification compliant with 3D) resolutions up to 4096 x 2304, DisplayPort resolutions up to 3840 x 2160
DVI resolutions up to 1920 x 1200 (DDI 2: Optional)
Dual Display
Combinations of VGA / LVDS / HDMI / DVI / DisplayPort
Triple Display
Combinations of VGA / LVDS / HDMI / DVI / DisplayPort
Expansion
PCI Express x16 (PEG)
Optional 1 PCIex4 while support 3 PCIex1
PCI Express x1
4 PCIex1
Audio Interface
HD Audio
LPC
Yes (24MHz)
Serial Bus
SMBus
Yes
I2C Bus
Yes
Ethernet
Controller
Intel® i218LM
Speed
10/100/1000 Mbps
I/O
SATA
4 Ports, Support Gen3 (6Gb/s) and Gen2 (3Gb/s), RAID 0, 1, 5, 10
USB3.0
2 Ports
USB2.0
8 Ports
SPI Bus
for BIOS only
GPIO
8-bit GPIO
Watchdog
65536 level, 0 ~ 65535 sec
COM Port
2 Ports (2-Wire)
Express Card
Yes
TPM
TPM 1.2 (Optional)
Smart Fan
2 Ports; 1 Port on COM Module. Support 12V Fan, 1 Port on Carrier Board
Power
Type
ATX, AT
Supply Voltage
Vin: 4.75(5-5%) ~ 20V(19+5%), VSB: 5V±5%, RTC Battery: 2.0-3.3V
Power Consumption (Max.)
+12 V @ 1.5A (i3-5010U)
Power Consumption (Idle)
+12 V @ 0.388A (i3-5010U)
Environment
Temperature
Operating: 0 ~ 60° C (32 ~ 140° F), Storage: -40 ~ 85° C (-40 ~ 185° F)
Humidity
Operating: 40° C @ 95% relative humidity, non-condensing
Storage: 60° C @ 95%relative humidity, non-condensing
Vibration Resistance
3.5 Grms
Mechanical
Dimensions
95 x 95 mm (3.74" x 3.74")
NEW
All product specifications are subject to change without notice
Last updated : 9-Jul-2015


Similar Part No. - SOM-6896C3-U1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6896C3-U1A1E ADVANTECH-SOM-6896C3-U1A1E Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
More results

Similar Description - SOM-6896C3-U1A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
SOM-6896_15 ADVANTECH-SOM-6896_15_12 Datasheet
965Kb / 2P
   5th Gen Intel Core / Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897_V01 Datasheet
902Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
30-May-2018
SOM-6897 ADVANTECH-SOM-6897 Datasheet
1Mb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6898 ADVANTECH-SOM-6898 Datasheet
890Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
SOM-6897 ADVANTECH-SOM-6897_17 Datasheet
888Kb / 2P
   6th Gen Intel Core/Celeron Processors COM Express Compact Module Type 6
logo
Axiomtek Co., Ltd.
CEM881 AXIOMTEK-CEM881 Datasheet
153Kb / 1P
   5th/4th Generation Intel Core COM Express Type 6 Compact Module
logo
List of Unclassifed Man...
EMETXE-I67M2 ETC2-EMETXE-I67M2 Datasheet
419Kb / 2P
   Intel짰 2nd Gen. Core COM Express Basic Type 6 CPU Module
logo
Axiomtek Co., Ltd.
CEM881 AXIOMTEK-CEM881_17 Datasheet
203Kb / 1P
   COM Express Type 6 Compact Module with 5th/4th Gen Intel Core i7/i5/i3
logo
List of Unclassifed Man...
EmETXe-i77M2-3517UE ETC2-EmETXe-i77M2-3517UE Datasheet
431Kb / 2P
   Intel짰 3rd Gen. Core??COM Express Basic Type 6 CPU Module
logo
Advantech Co., Ltd.
SOM-5898 ADVANTECH-SOM-5898 Datasheet
900Kb / 2P
   7th Gen Intel Core/Celeron Processors COM Express Basic Module Type 6
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com