Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFP4710PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFP4710PBF
Description  High frequency DC-DC converters
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFP4710PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFP4710PBF Datasheet HTML 1Page - International Rectifier IRFP4710PBF Datasheet HTML 2Page - International Rectifier IRFP4710PBF Datasheet HTML 3Page - International Rectifier IRFP4710PBF Datasheet HTML 4Page - International Rectifier IRFP4710PBF Datasheet HTML 5Page - International Rectifier IRFP4710PBF Datasheet HTML 6Page - International Rectifier IRFP4710PBF Datasheet HTML 7Page - International Rectifier IRFP4710PBF Datasheet HTML 8Page - International Rectifier IRFP4710PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Notes
 through …
are on page 8
www.irf.com
1
2/26/04
IRFP4710PbF
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
100V
0.014
72A
PD - 95055
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
72
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
51
A
IDM
Pulsed Drain Current

300
PD @TC = 25°C
Power Dissipation
190
W
Linear Derating Factor
1.2
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
8.2
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Mounting torqe, 6-32 or M3 screw
10 lbf•in (1.1N•m)
Absolute Maximum Ratings
l High frequency DC-DC converters
l Motor Control
l Uninterruptible Power Supplies
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.81
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
TO-247AC
l Lead-Free


Similar Part No. - IRFP4710PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFP4710PBF IRF-IRFP4710PBF Datasheet
183Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRFP4710PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFU3518-701PBF IRF-IRFU3518-701PBF Datasheet
234Kb / 11P
   High frequency DC-DC converters
logo
Kersemi Electronic Co.,...
IRFR3518 KERSEMI-IRFR3518 Datasheet
4Mb / 10P
   High frequency DC-DC converters
logo
International Rectifier
IRFS33N15DTRLP IRF-IRFS33N15DTRLP Datasheet
150Kb / 12P
   High frequency DC-DC converters
IRFR13N20DPBF IRF-IRFR13N20DPBF_15 Datasheet
689Kb / 11P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7452PBF IRF-IRF7452PBF_15 Datasheet
284Kb / 8P
   HIGH FREQUENCY DC-DC CONVERTERS
IRF7490PBF IRF-IRF7490PBF_15 Datasheet
155Kb / 9P
   High frequency DC-DC converters
IRF8010SPBF IRF-IRF8010SPBF_15 Datasheet
229Kb / 11P
   High frequency DC-DC converters
IRFR15N20DPBF IRF-IRFR15N20DPBF_15 Datasheet
231Kb / 11P
   High frequency DC-DC converters
IRFR24N15DPBF IRF-IRFR24N15DPBF_15 Datasheet
282Kb / 10P
   High frequency DC-DC converters
IRFR3410PBF IRF-IRFR3410PBF_15 Datasheet
237Kb / 11P
   High frequency DC-DC converters
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com