Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR812PBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR812PBF
Description  ZERO VOLTAGE SWITCHING SMPS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR812PBF Datasheet(HTML) 2 Page - International Rectifier

  IRFR812PBF_15 Datasheet HTML 1Page - International Rectifier IRFR812PBF_15 Datasheet HTML 2Page - International Rectifier IRFR812PBF_15 Datasheet HTML 3Page - International Rectifier IRFR812PBF_15 Datasheet HTML 4Page - International Rectifier IRFR812PBF_15 Datasheet HTML 5Page - International Rectifier IRFR812PBF_15 Datasheet HTML 6Page - International Rectifier IRFR812PBF_15 Datasheet HTML 7Page - International Rectifier IRFR812PBF_15 Datasheet HTML 8Page - International Rectifier IRFR812PBF_15 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
IRFR812TRPbF
2
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature. (See Fig. 11)
‚ Starting TJ = 25°C, L = 93mH, RG = 25Ω,
IAS = 1.8A. (See Figure 13).
ƒ ISD = 3.6A, di/dt ≤ 520A/μs, VDDV(BR)DSS,
TJ ≤ 150°C.
Notes:
„ Pulse width ≤ 300μs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS.
Coss eff.(ER) is a fixed capacitance that stores the same energy
as Coss while VDS is rising from 0 to 80% VDSS.
† Rθ is measured at TJ approximately 90°C
‡ When mounted on 1" square PCB (FR-4 or G-10 Material)
Static @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
500
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.37
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
1.85
2.2
Ω
VGS(th)
Gate Threshold Voltage
3.0
–––
5.0
V
IDSS
Drain-to-Source Leakage Current
–––
–––
25
μA
–––
–––
2.0
mA
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
Dynamic @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min. Typ. Max. Units
gfs
Forward Transconductance
7.6
–––
–––
S
Qg
Total Gate Charge
–––
–––
20
Qgs
Gate-to-Source Charge
–––
–––
7.3
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
7.1
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
22
–––
ns
td(off)
Turn-Off Delay Time
–––
24
–––
tf
Fall Time
–––
17
–––
Ciss
Input Capacitance
–––
810
–––
Coss
Output Capacitance
–––
47
–––
Crss
Reverse Transfer Capacitance
–––
7.3
–––
Coss
Output Capacitance
–––
610
–––
pF VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
–––
16
–––
VGS = 0V, VDS = 400V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
–––
5.9
–––
Coss eff. (ER)
Effective Output Capacitance
–––
37
–––
(Energy Related)
Avalanche Characteristics
Symbol
Parameter
Typ.
Units
EAS
Single Pulse Avalanche Energy
d
–––
mJ
IAR
Avalanche Current
Ù
–––
A
EAR
Repetitive Avalanche Energy
™
–––
mJ
Thermal Resistance
Symbol
Parameter
Typ.
Units
RθJC
Junction-to-Case
h
–––
RθJA
Junction-to-Ambient (PCB mount)
hi
–––
°C/W
RθJA
Junction-to-Ambient
h
–––
VDS = VGS, ID = 250μA
VDS = 500V, VGS = 0V
VDS = 400V, VGS = 0V, TJ = 125°C
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 250μA
VGS = 10V, ID = 2.2A f
VGS = 20V
Conditions
VDS = 50V, ID = 2.2A
VGS = -20V
ID = 3.6A
VDS = 400V
VGS = 10V, See Fig.14a &14b f
VDD = 250V
ID = 3.6A
RG = 17
Ω
VGS = 10V, See Fig. 15a & 15b f
VGS = 0V
VDS = 25V
ƒ = 1.0MHz, See Fig. 5
1.8
7.8
Max.
150
VGS = 0V,VDS = 0V to 400V g
110
Max.
1.6
40


Similar Part No. - IRFR812PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR812PBF IRF-IRFR812PBF Datasheet
228Kb / 9P
   HEXFETPower MOSFET
More results

Similar Description - IRFR812PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR812TRPBF IRF-IRFR812TRPBF Datasheet
228Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFR825TRPBF IRF-IRFR825TRPBF Datasheet
216Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFB812PBF IRF-IRFB812PBF_15 Datasheet
259Kb / 8P
   ZERO VOLTAGE SWITCHING SMPS
IRFR825PBF IRF-IRFR825PBF_15 Datasheet
216Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
logo
Kersemi Electronic Co.,...
IRFR825 KERSEMI-IRFR825 Datasheet
950Kb / 9P
   Zero Voltage Switiching SMPS
logo
NXP Semiconductors
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com