Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAB210 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # SMAB210
Description  SCHOTTKY BARRIER TYPE DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

SMAB210 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  SMAB210 Datasheet HTML 1Page - KEC(Korea Electronics) SMAB210 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2012. 7. 24
1/2
SEMICONDUCTOR
TECHNICAL DATA
SMAB210
SCHOTTKY BARRIER TYPE DIODE
Revision No : 2
SWITCHING TYPE POWER SUPPLY APPLICATIONS.
FEATURES
・Low Profile Surface Mount Package.
・Low Power Loss, High Efficiency.
・For Use in Low Voltage, High Frequency inverters, Free
Wheeling, and Polarity Protection Applications.
APPLICATION
・Switching Power Supply.
・DC/DC Converter.
・Home Appliances, Office Equipment.
・Telecommunication.
MAXIMUM RATING (Ta=25
℃)
SMA
DIM
MILLIMETERS
A
B
C
D
E
F
G
4.5 0.2
2.6 0.2
1.5 0.2
5.0 0.3
1.2 0.3
2.0 0.2
0 ~ 0.15
H
R 0.5
B
C
H
1
2
G
+
_
+
_
+
_
+
_
+
_
+
_
1. ANODE
2. CATHODE
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
Type Name
Marking
B210
Lot No.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Peak Forward Voltage
VFM
IFM=2.0A
-
-
0.80
V
Repetitive Peak Reverse Current
IRRM
VRRM=Rated
-
-
0.1
mA
Thermal Resistance
Rth(j-1)
Junction to lead
-
-
23
℃/W
Rth(j-a)
Junction to ambient
(on alumina substrate)
-
-
108
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum Repetitive Peak Reverse Voltage
VRRM
100
V
Average Output Rectitifed Current
IO
2
A
Peak One Cycle Surge Forward Current
(Non-Repetitive 60Hz)
IFSM
50
A
Junction Temperature
Tj
-55
~150
Storage Temperature Range
Tstg
-55
~150


Similar Part No. - SMAB210

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
SMAB210 KEC-SMAB210 Datasheet
382Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE (SWITCHING TYPE POWER SUPPLY)
SMAB210 KEC-SMAB210 Datasheet
366Kb / 1P
   SMA PACKAGE
SMAB210 KEC-SMAB210_03 Datasheet
366Kb / 1P
   SMA PACKAGE
More results

Similar Description - SMAB210

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
KDR735T KEC-KDR735T Datasheet
34Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB14 KEC-SMAB14_08 Datasheet
218Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMAB34 KEC-SMAB34_07 Datasheet
436Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
USFB13A KEC-USFB13A Datasheet
437Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMBB34 KEC-SMBB34 Datasheet
438Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
SMFB23 KEC-SMFB23_08 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBR10100CT KEC-MBR10100CT Datasheet
441Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRD10U100CT KEC-MBRD10U100CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U100CTA KEC-MBRF10U100CTA Datasheet
375Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF10U200CTA KEC-MBRF10U200CTA Datasheet
44Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
MBRF560CT KEC-MBRF560CT_08 Datasheet
45Kb / 2P
   SCHOTTKY BARRIER TYPE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com