Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-501F-CWA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-501F-CWA1E
Description  Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with Triple CRT, 10 COM, 4 USB 3.0, 6 USB 2.0, Dual LAN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-501F-CWA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-501F-CWA1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-501F-CWA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Block Diagram
AIMB-501CW
Riser Card
Part Number
Description
AIMB-RF10F-01A1E
1U riser card with 1 PCI e x 16 expansion
Packing List
Description
Quantity
Serial ATA HDD data cable
2
Com port cable kit
3
I/O port bracket
1
Startup manual
1
Driver CD
1
Rear I/O
Optional Accessories
Part Number
Description
1700002204
USB cable with dual ports, 27 cm
1700008822
DVI cable
1960047669N001 LGA1156 CPU cooler for 4U and wallmount chassis
1700018699
KBMS cable 1*6P-2.5/DIN-6P(F)*2, 25 cm
1700000447
1-to-4 serial ports cable kit, 45cm
1701400181
1-to-4 serial ports cable kit, 18cm
Note: Purchasing AIMB-501's proprietary CPU cooler from Advantech is a must; other
brands of CPU coolers are NOT compatible with AIMB-501
Ordering Information
Part Number
PCH
Memory
VGA
DVI
LVDS
USB
3.0/2.0
SATA
2.0
COM
TPM
LAN
PCIe x 16
PCI
PCIe
x 4
AMP
AIMB-501F-CWA1E
B75
Non ECC
3
0
0
4/6
4
10
(1)
2
1
2
1
Yes (6W)
*() BOM options available on MP version.
Intel LGA1155
Ivy bridge Processor
(H2 socket)
PCIex16
DDR3 1333/1600 DIMM
Couger Point
B75
(PCH)
CRT 1
DDR3 1333/1600 DIMM
VGA
CH7517A
CRT 2
DP
CH7517A
CRT3
DP
ALC 892
SPI 64MB
BIOS
Fintek
81216AD
Fintek
81216AD
COM7~10 RS-232,
COM7 RS-232/422/485
COM3~6 RS-232,
COM3 RS-232/422/485
SLB9635
TPM 1.2
(optional,
Default N/P)
HD Audio
4 USB 3.0
USB 3.0
6 USB 2.0
USB 2.0
4 x SATA II
SATA II
PCIe x 4
LAN1:GbE
Realtek 8111E-VL
Super I/O
Nuvuton 6776F
2 RS-232 COM, PS/2,
WDT, 8GPIO
PCIe x1
LAN2:GbE
Realtek 8111E-VL
PCIe x1
4 PCIe x 1
PCI x 2
2 PCI


Similar Part No. - AIMB-501F-CWA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501G2-KSA1E ADVANTECH-AIMB-501G2-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501G2-KSA2E ADVANTECH-AIMB-501G2-KSA2E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
More results

Similar Description - AIMB-501F-CWA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-501VG-KSA1E ADVANTECH-AIMB-501VG-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501_14 Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-503 ADVANTECH-AIMB-503_14 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3 LGA1150 MicroATX with CRT/DP/DVI/LVDS, 10 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
AIMB-581 ADVANTECH-AIMB-581_14 Datasheet
923Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, SATAIII
AIMB-502 ADVANTECH-AIMB-502_14 Datasheet
903Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, SATAIII
AIMB-581 ADVANTECH-AIMB-581 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
SIMB-A31 ADVANTECH-SIMB-A31_15 Datasheet
945Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1150 ATX with VGA/DVI, 6 COM, 2 USB 3.0, 7 USB 2.0, Dual LAN
AIMB-502 ADVANTECH-AIMB-502 Datasheet
813Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-582 ADVANTECH-AIMB-582_14 Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com