Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIMB-581QG2-LVA1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # AIMB-581QG2-LVA1E
Description  Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, SATAIII
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

AIMB-581QG2-LVA1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  AIMB-581QG2-LVA1E Datasheet HTML 1Page - Advantech Co., Ltd. AIMB-581QG2-LVA1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Intel Core i7/i5/i3/Pentium
processor
BIOS
Audio Codec
Realtek ALC892
Super I/O
Nuvuton
NCT6776F
2 RS-232,
PS/2, WDT
Fintek 81216AD
Infineon SLB9635 TPM
1.2 (Optional)
3 x RS-232,
1 x RS-232/422/485
Q67/C206
PCIe x 16
DDR3 1066/1333 MHz DIMM
DDR3 1066/1333 MHz DIMM
DDR3 1066/1333 MHz DIMM
DDR3 1066/1333 MHz DIMM
Channel A
Channel B
GbE LAN1: Intel 82579LM
GbE LAN2: Intel 82583V
PCIe x 16
DVI
DVI
DVI2 (Optional)
DVI
CRT
CRT
LVDS
Chrontel 7308B
transmitter
LVDS
Dual channel
(Optional for
AIMB-581QG2-LVA1E
sku only)
NEC
24-bit/channel
PCIe x1
PCIe x1
PCIe x 4 Connector
PCI1 ~ 2 Connector
PCIe x 4
32 bit/33 MHz PCI Bus
LPC BUS
2 SATA3 PORTS
600 MB/s
4 SATA2 PORTS
300 MB/s
10 USB PORTS
USB 2.0
2 USB PORTS
USB 3.0
AIMB-581
Ordering Information
Part Number
Chipset Memory USB
3.0 CRT
DVI
1/2
LVDS USB COM TPM GbE
LAN
AIMB-581QG2-
00A1E
Q67
Non-ECC 2
Yes
1/(1) (1)
12
6
(1)
2
AIMB-581WG2-
00A1E
C206
ECC/
Non-ECC 2
Yes
1/(1) (1)
12
6
(1)
2
AIMB-581QG2-
LVA1E
Q67
Non-ECC 2
Yes
1/(1) 1
12
6
(1)
2
*() BOM options available on MP version.
Riser Card
Part Number
Description
AIMB-RP10P-01A1E
1U riser card with 1 PCI expansion
AIMB-RP30P-03A1E
2U riser card with 3 PCI expansion
AIMB-RP3PF-21A1E
2U riser card for 1 PCIe x 16 abd 2 PCI expansion
AIMB-RP3P8-12A1E
2U riser card with 2 PCIe x 8 & 1 PCI slots expansion (For WG2 Sku)
AIMB-RF10F-01A1E
1U riser card with 1 PCI e x 16 expansion slot
Note: AIMB-RP3P8-12A1E is not compatible with ACP-2010MB/2320MB chassis unless
change special bracket to 1950014302N001.
I/O View
Packing List
Part Number
Description
Quantity
1700003194
SATA HDD cable
2
1703150102
SATA power cable
2
1960050472T000
I/O port braket
1
2002058100
Startup manual
1
2062058100
Driver CD
1
Optional Accessories
Part Number
Description
1700002204
Dual port USB cable (27 cm) with bracket
1960047669N001
LGA1156 CPU cooler for 4U and wallmount chassis
1960047831N001
LGA1156 CPU cooler for 2U and wallmount chassis
1960049408N001
LGA1156 CPU cooler for 1U and wallmount chassis
1700008809
Printer port cable kit
1700018699
KBMS cable 1*6P-2.5/DIN-6P(F)*2, 25 cm
1700000447
1-to-4 serial ports cable kit, 45cm
1701400181
1-to-4 serial ports cable kit, 18cm
1700008822
DVI cable
1960055954T000
1U I/O port bracket
1950014302N001
Special bracket for riser card AIMB-RP3P8-12A1E
Note: Purchasing AIMB-581's proprietary CPU cooler from Advantech is a must, other brand's CPU
cooler are NOT compatible with AIMB-581.
The complete thermal solution is composed of CPU cooler and system fans to support the CPU TDP
as above.
Embedded OS/API
OS/API
Part No.
Description
Win XPE
2070010800
XPE WES 2009 V4.0 ENG with Acronis PSNL
2070010820
XPE WES09 AIMB-581 V4.0 ENG_CHT ATI PSNL
2070011360
WES09 AIMB-581QG2 V4.1 ENG_JPN ATIP
2070011792
Image XPE WES2009 AIMB-581 V4.3 Multi language 24MUI
2070011525
WES7E AIMB-581 V5.1.3 ENG/CHT/CHS/JPN SA
2070011526
Image WES7E AIMB-581 V5.6.3 ENG/CHT/CHS/JPN SA
AIMB-581QG2-00A1E
AIMB-581WG2-00A1E
AIMB-581QG2-LVA1E
Block Diagram


Similar Part No. - AIMB-581QG2-LVA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-581QG2-LVA1E ADVANTECH-AIMB-581QG2-LVA1E Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
More results

Similar Description - AIMB-581QG2-LVA1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AIMB-502 ADVANTECH-AIMB-502_14 Datasheet
903Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, SATAIII
AIMB-581 ADVANTECH-AIMB-581 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-582 ADVANTECH-AIMB-582_14 Datasheet
913Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, SATAIII
AIMB-502 ADVANTECH-AIMB-502 Datasheet
813Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/HDMI, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-582 ADVANTECH-AIMB-582 Datasheet
1Mb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/eDP/LVDS/DP, 6 COM, Dual LAN, DDR3 and SATAIII
AIMB-584 ADVANTECH-AIMB-584_14 Datasheet
958Kb / 2P
   Intel짰 Xeon짰 E3/ Core??i7/i5/i3 LGA1150 MicroATX with CRT/DVI/eDP/LVDS/DP,6 COM, Dual LAN, SATAIII
AIMB-501VG-KSA1E ADVANTECH-AIMB-501VG-KSA1E Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501_14 Datasheet
921Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN
AIMB-501 ADVANTECH-AIMB-501 Datasheet
791Kb / 2P
   Intel짰 Core??i7/i5/i3 LGA1155 MicroATX with CRT/DVI/LVDS, 10 COM, 10 USB 2.0, Dual LAN, and DDR3
AIMB-281 ADVANTECH-AIMB-281 Datasheet
1Mb / 2P
   Intel짰 Core??i7/i5/i3/Celeron LGA1155 Mini-ITX with CRT/DVI/LVDS, 6 COM,Dual LAN, PCIe x4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com