Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-1120F-N5A1E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-1120F-N5A1E
Description  Intel짰 Atom??N455 with 4 COM Port Extendibility Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-1120F-N5A1E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-1120F-N5A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-1120F-N5A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-1120F Intel®Atom™N455with4COMPort
Extendibility Fanless Box PC
ƒ Intel® Atom™ processor N455 1.66 GHz + ICH8M
ƒ Low-power-consumption, <10W
ƒ Palm-size design: 133.8(W) x 43.1(H) x 94.2(D) mm
ƒ DDR3 memory support , up to 2GB
ƒ Supports 2.5" SATA HDD Bay
ƒ One half-size mini-PCIe slot. Ex: Wi-Fi add-on card
ƒ 4COM ports (2 x RS-232, 2 x RS-232/422/485 select by BIOS)
ƒ Optional VESA / DIN rail / Wall mounts
ƒ Lockable DC jack design
ƒ Supports SUSIAccess and Embedded Software APIs
Specifications
ARK-1120F-N5A1E
Processor System
CPU
Intel Atom processor N455
Frequency
1.66 GHz
L2 Cache
512KB
System Chipset
Intel ICH8-M
BIOS
AMI 16 Mbit Flash BIOS
Memory
Technology
DDR3 up to 667 MHz
Max. Capacity
2 GB
Socket
1 x 204 pin SO-DIMM
Graphics
Chipset
Intel ICH8-M
Interface
CRT interface, up to 1600 x 1200 (SXGA)
Ethernet
LAN
1 x 10/100/1000 Mbps Intel 82567V GbE, Support Wake on LAN
Audio
Interface
N/A
I/O Interface
Serial Ports
2 x RS-232, 2 x RS-232/422/485 (by BIOS setting)
USB Interface
2 x USB ports, USB 2.0 Compliant
Other
Watchdog timer
255-level timer interval, setup by software
Expansion
Mini PCIe
1 x half-size Mini PCIe
Storage
HDD
Support one SATA 2.5" HDD Bay (support 9.5mm height only)
SSD
Supports CompactFlash socket for type I/II CompactFlash disk (only available for T-Parts and CTOS service)
Software Support
Microsoft Windows
Windows 7, XP Professional, XP Embedded, WinCE 6.0
Linux
Ubuntu v10.04.1
Power Requirement
Power Type
ATX
Power Input Voltage
12 VDC
Minimum Power Input
12 V, 1.5 A
Power Adaptor
AC to DC, DC12 V/3 A, 36 W (Support DC Locker Design)
Power Consumption
Typical
9.12 W
Max
10.80 W
Mechanical
Construction
Aluminum housing
Mounting
Support DIN Rail / VESA / Wall mounts (Optional)
Dimensions (W x H x D)
133.8 x 43.1 x 94.2 mm (5.27" x 1.70" x 3.71")
Weight
0.7 kg (1.55 lb)
Environmental
and Certifications
Operating Temperature
0 ~ 40° C (32 ~ 104° F) with 0.7m/s air flow and standard temperature HDD
Storage Temperature
-40 ~ 85° C (-40 ~ 185° F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration During Operation
With CompactFlash disk: 3Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1hr/axis.
Shock During Operation
With CompactFlash disk: 30Grms, IEC 60068-2-27 , half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI, CB
RoHS
COMPLIANT
2002/95/EC
Last updated : 3-Aug-2015
All product specifications are subject to change without notice


Similar Part No. - ARK-1120F-N5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1120F-N5A1E ADVANTECH-ARK-1120F-N5A1E Datasheet
2Mb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120F-N5A1E ADVANTECH-ARK-1120F-N5A1E Datasheet
564Kb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120F-N5A1E ADVANTECH-ARK-1120F-N5A1E Datasheet
782Kb / 2P
   4 COM Port Extendibility Fanless Box PC
More results

Similar Description - ARK-1120F-N5A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_17 Datasheet
722Kb / 2P
   4 COM Port Extendibility Fanless Box PC
ARK-1120F ADVANTECH-ARK-1120F Datasheet
782Kb / 2P
   4 COM Port Extendibility Fanless Box PC
logo
List of Unclassifed Man...
LEC-2312 ETC2-LEC-2312 Datasheet
316Kb / 2P
   Fanless Industrial PC with Intel짰 Atom??N455 CPU
logo
Advantech Co., Ltd.
PPC-L62T-R80-AXE ADVANTECH-PPC-L62T-R80-AXE Datasheet
532Kb / 2P
   6.5" Fanless Panel PC with Intel짰 Atom??N455 Processor
ARK-1120L ADVANTECH-ARK-1120L_15 Datasheet
660Kb / 2P
   Intel짰 Atom??N455 4 USB 2.0, Audio and Competitive Pricing Fanless Box PC
ARK-1120 ADVANTECH-ARK-1120_13 Datasheet
564Kb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
ARK-1120 ADVANTECH-ARK-1120 Datasheet
2Mb / 2P
   Ultra Slim and Price Competitive Intel짰 Atom??N455 Fanless Embedded Box PC
logo
List of Unclassifed Man...
LEC-3012A ETC2-LEC-3012A Datasheet
150Kb / 1P
   Fanless Industrial DIN Rail Box IPC with Intel짰 Atom??N455 CPU
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com