Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-3440F-U5A2E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-3440F-U5A2E
Description  1st Gen. Intel짰 Core??i3/i5/i7 with PCI/PCIe Expansion Slots Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3440F-U5A2E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-3440F-U5A2E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3440F-U5A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-3440 A2
Packing List
Part Number
Description
-
1 x ARK-3440 Unit
-
1 x Driver/Utility CD/Manual
1960014487T00C
2 x desk/wall mount plate
1652003234
1 x 4-pin Phoenix DC power connector
1654009744
1 x DVI-I to CRT connector
1990020592N001
1x HDD thermal pad
1990020828N001
1 x CPU thermal grease pad
Embedded OS
Part Number
Description
2070009811
WES2009 ARK-3440 ENG_FRE_GER_ITA_SPA
2070009812
WES2009 ARK-3440 ENG_CHT_CHS_JPN
2070011270
WES7E ARK-3440 ENG 32 bit
Optional Items
Part Number
Description
1757002161
AC-to-DC adapter, DC19 V/7.89A 150 W, with phoenix power plug,
0 ~ 40° C for home and office Use
1757004529-01
AC-to-DC Adapter, DC 19V/6.84A 130W, -20 ~ +70° C
1702002600
Power cable 3-pin 180cm, USA type, for 1757002161 and
1757004529-01
1700004713
CABLE DVI-I to DVI-D and CRT
1702002605
Power cable 3-pin 180cm, EU type, for for 1757002161 and
1757004529-01
1702031801
Power cable 3-pin 180cm, UK type, for for 1757002161 and
1757004529-01
1700018187
LPT cable 2 x 130-2.0/D-SUB 25P(F) 20 cm for ARK-3440
1700008871
COM Cable D-SUB 9P(M)/IDE#2 10P-2.0 20 cm
AMO-R010E
2 slot riser card, 1 x PCIe x1 + 1 x PCI
AMO-R009E
2 slot riser card, 2 x PCIe x1
AMO-R013E
2 slot riser card, 2 x PCI
AMO-R014E
2 slot riser card, 1 x PCI + 1 x PCIe x4
with BIOS V2.01 (P/N: 1420032188)
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
3
267.18
243
220
123.50
117
19
Ø10
5
14
ANTENNA
ANTENNA
DC IN
DVI-I
HDMI
COM1
LAN1
LAN2
USB6
USB5
USB2
USB1
USB4
USB3
COM3
COM2
eSATA
MIC
LIN-OUT
TEMP LED
HDD LED
LIN-IN RESET
POWER
ON/OFF
ANTENNA
ANTENNA
DC IN
DVI-I
HDMI
COM1
LAN1
LAN2
USB6
USB5
USB2
USB1
USB4
USB3
COM3
COM2
eSATA
MIC
LIN-OUT
TEMP LED
HDD LED
LIN-IN RESET
POWER
ON/OFF
Ordering Information
Part No.
CPU
L2 Cache
HDMI
DVI-I
GbE
RS-232/422/485
RS-232
USB 2.0
MiniPCIe
DC input
Expansion
ARK-3440F-U5A2E
Intel Core i7 610E
2.53 GHz
4 MB
Yes
Yes
2
1
2
6
2
9 ~ 34 VDC
1 PCIEx1 + 1 PCI
ARK-3440F-U4A2E
Intel Core i5 520E
2.4 GHz
3 MB
ARK-3440F-U1A2E
Intel Core i3 330E
2.13 GHz
3 MB
Note: Memory, storage and operating system bundled by request.


Similar Part No. - ARK-3440F-U5A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3400 ADVANTECH-ARK-3400 Datasheet
2Mb / 2P
   Intel짰 Celeron짰 M Solution with 2 PCI Expansion Slots and Multiple I/O
ARK-3400F-S0A1E ADVANTECH-ARK-3400F-S0A1E Datasheet
2Mb / 2P
   Intel짰 Celeron짰 M Solution with 2 PCI Expansion Slots and Multiple I/O
ARK-3400F-S5A1E ADVANTECH-ARK-3400F-S5A1E Datasheet
2Mb / 2P
   Intel짰 Celeron짰 M Solution with 2 PCI Expansion Slots and Multiple I/O
ARK-3403 ADVANTECH-ARK-3403 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-3403-D5A1E ADVANTECH-ARK-3403-D5A1E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
More results

Similar Description - ARK-3440F-U5A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3520P ADVANTECH-ARK-3520P Datasheet
1Mb / 3P
   6th Gen. Intel짰 Core??i3/ i5/ i7 with Expansion slots and wide range power Fanless Box PC
21-Mar-2019
ARK-3500 ADVANTECH-ARK-3500_V01 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
16-Nov-2016
ARK-3500P-00A1E ADVANTECH-ARK-3500P-00A1E Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
ARK-3500 ADVANTECH-ARK-3500_15 Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
   Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
   6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
SYS-4U4000-4F02 ADVANTECH-SYS-4U4000-4F02_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 12 Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com