Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-3440F-U1A2E Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # ARK-3440F-U1A2E
Description  1st Gen. Intel짰 Core??i3/i5/i7 with PCI/PCIe Expansion Slots Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-3440F-U1A2E Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  ARK-3440F-U1A2E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-3440F-U1A2E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Fanless Embedded Box PCs
Features
ARK-3440 A2 1stGen.Intel®Core™i3/i5/i7with
PCI/PCIe Expansion Slots Fanless Box PC
ƒ Intel® Core™ i3/i5/i7 Fanless Embedded Box PC
ƒ Multi-display and support for wide screen with high resolution
ƒ Supports 2 GbE, eSATA, 6 USB 2.0, audio and 3 COM ports
ƒ Two internal 2.5" SATA HDD bays
ƒ Various expansion interfaces for diverse applications
ƒ Easy integration, easy maintenance, and wide input voltage range 9 ~ 34 V
ƒ IP40 sealed design
Specifications
Processor System
CPU
Intel Core i7 610E (Dual Core)
Intel Core i5 520E (Dual Core)
Intel Core i3 330E (Dual Core)
Frequency
2.53 GHz
2.4 GHz
2.13 GHz
L2 Cache
4MB
3MB
3MB
System Chipset
Intel QM57
BIOS
AMI 16 Mbit SPI BIOS
Memory
Technology
DDR3 1066 MHz
Max. Capacity
8 GB
Socket
2 x 204-pin SO-DIMM
Graphics
Chipset
Integrated graphics built in Intel QM57
Interface
VGA: up to 2048 x 1536 (By DVI-I to VGA adaptor)
DVI-D: up to 1920 x 1200
HDMI 1.3 up to 1920 x 1200
24-bit LVDS: up to 1920 x 1200 (Optional)
Ethernet
LAN 1
10/100/1000 Mbps, Intel 82577LM, support Wake On LAN
LAN 2
10/100/1000 Mbps, Intel 82583V, support Wake On LAN
Audio
Amplifier
-
Interface
Line-in, Line-out, Mic-in
IO interface
Serial Interface
2 x RS232, 1 x RS232/422/485 (w/auto flow control)
USB Interface
6 x USB ports, compliant with USB 2.0
Parallel Port
Supports D-sub 25-pin connector (optional)
Digital I/O
-
Expansion
PCI/PCIe Slot
1 Slot PCI and 1 Slot PCIe x1 (default);
2 Slots PCIe x1 (optional); 2 Slots PCI (optional) ; 1 Slot PCI and 1 Slot PCIe x4 (optional)
Supports maximum dimension of 167 mm (width) x 106 mm (length) for expansion PC board
Mini PCIe
2 x Mini PCIe
Storage
HDD
Supports 2 x SATA 2.5" HDD Bays (Max. Data Transfer Rate 300 MB/s)
(Internal bay: up to 12.8mm height, Removable bay: up to 9.5mm height)
SSD
Supports CompactFlash socket for type I/II CompactFlash disk
Software Support
Microsoft Windows
Windows 7, XP Professional, XP Embedded
Linux
Fedora 14
Power Requirement
Power Type
AT/ATX
Power Input Voltage
9 VDC ~ 34 VDC
Minimum Power Input
DC 9-34V @ 6.0-1.5A
Power Adapter
AC to DC, DC19V/7.89A, 150W (Optional)
Power Consumption
Typical
17.1 W
Max.
53 W
Mechanical
Construction
Aluminum housing
Mounting
Desk/wall-mounting
Dimensions (W x H x D)
220 mm x 117 mm x 200 mm (8.66" x 4.61" x 7.87")
Weight
4 kg (8.8 lb)
Environment
Operating Temperature
With extended temperature peripherals CompactFlash disk: 0 ~ 50° C, with 0.7m/sec air flow
With extended temperature memory and consumer grade 2.5-inch hard disk on internal drive bay 0 ~ 45° C, with 0.7m/
sec air flow
Storage Temperature
-40 ~ 85° C (-40~185°F)
Relative Humidity
95% @ 40° C (non-condensing)
Vibration Loading During Operation
With CompactFlash disk: 5 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
With 2.5-inch hard disk: 1 Grms, IEC 60068-2-64, random, 5 ~ 500 Hz, 1 Oct./min, 1 hr/axis.
Shock During Operation
With CompactFlash disk: 50 G, IEC 60068-2-27, half sine, 11 ms duration
With hard disk: 20 G, IEC 60068-2-27, half sine, 11 ms duration
EMC
CE/FCC Class A, CCC, BSMI
Safety Certifications
UL, CCC, BSMI
LISTED
E180881
C ®
UL US
RoHS
COMPLIANT
2002/95/EC
All product specifications are subject to change without notice
Last updated : 15-Jan-2014


Similar Part No. - ARK-3440F-U1A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3400 ADVANTECH-ARK-3400 Datasheet
2Mb / 2P
   Intel짰 Celeron짰 M Solution with 2 PCI Expansion Slots and Multiple I/O
ARK-3400F-S0A1E ADVANTECH-ARK-3400F-S0A1E Datasheet
2Mb / 2P
   Intel짰 Celeron짰 M Solution with 2 PCI Expansion Slots and Multiple I/O
ARK-3400F-S5A1E ADVANTECH-ARK-3400F-S5A1E Datasheet
2Mb / 2P
   Intel짰 Celeron짰 M Solution with 2 PCI Expansion Slots and Multiple I/O
ARK-3403 ADVANTECH-ARK-3403 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-3403-D5A1E ADVANTECH-ARK-3403-D5A1E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
More results

Similar Description - ARK-3440F-U1A2E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3520P ADVANTECH-ARK-3520P Datasheet
1Mb / 3P
   6th Gen. Intel짰 Core??i3/ i5/ i7 with Expansion slots and wide range power Fanless Box PC
21-Mar-2019
ARK-3500 ADVANTECH-ARK-3500_V01 Datasheet
1Mb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
16-Nov-2016
ARK-3500P-00A1E ADVANTECH-ARK-3500P-00A1E Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
ARK-3500 ADVANTECH-ARK-3500_15 Datasheet
1,004Kb / 2P
   3rd Gen. Intel짰 Core??i3/ i5/ i7 with 2 Expansion slots and wide range power Fanless Box PC
ARK-3531 ADVANTECH-ARK-3531 Datasheet
885Kb / 2P
   Intel짰 9th Gen / Core??i3/i5/i7/i9 LGA1151 Fanless Box PC
22-Jan-2021
ARK-3520L ADVANTECH-ARK-3520L Datasheet
1Mb / 3P
   6th Gen. Intel® Core™ i3/ i5/ i7 Modular Expansion Fanless Box PC
14-Dec-2020
logo
Lanner All Rights Reser...
LEC-2280 LANNER-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
List of Unclassifed Man...
LEC-2280P2 ETC2-LEC-2280P2 Datasheet
686Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
LEC-2280 ETC2-LEC-2280 Datasheet
662Kb / 4P
   Fanless Industrial PC with 3rd Gen Intel짰 Core??i7/i5/i3 CPU
logo
Advantech Co., Ltd.
SYS-4U4000-4F02 ADVANTECH-SYS-4U4000-4F02_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U PICMG1.3 System with 12 Expansion Slots
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com