Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-6320 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-6320
Description  Intel짰 Atom??Dual Core D510/D525 with 6 COM and 8 USB Fanless Box PC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-6320 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-6320_14 Datasheet HTML 1Page - Advantech Co., Ltd. ARK-6320_14 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm (inch)
ARK-6320
Packing List
Part Number
Description
-
1 x ARK-6320 unit
-
1 x Driver/Utility CD/Manual
-
1 x Traditional Chinese user manual for CCC
-
1 x China RoHS sheet
1960014487T001
2 x Mounting bracket
1990005896S000
4 x Rubber foot pad
1939000410
4 x Screw for rubber foot pad
1930002235
4 x Screw for hard drive mounting
2000017557
1 x IO label sticker
Optional Accessories
External AC-to-DC Adapter and Accessories
Part Number
Description
1757003934
AC to DC adapter, DC12V/60W
2070010875
WES 2009 ENG for ARK-6320-6M01E
2070010897
WES 2009 MUI 24 for ARK-6320-6M01E
2070010707
WES7 ENG 32 bit for ARK-6320-6M01E
2070010896
WES 2009 ENG for ARK-6320-6M02E
2070010933
WES 2009 MUI 24 for ARK-6320-6M02E
2070010932
WES7 ENG 32 bit for ARK-6320-6M02E
AMK-V008E
VESA mounting plate for ARK-6320/6322
Front Panel External I/O Mechanical Layout/Drawing
Rear Panel External I/O Mechanical Layout/Drawing
Thermal LED
HDD LED
PWR On/Off
Antenna
Inverter
LVDS
USB
6 COMs
Dual GbE
4 USB
VGA
DC12V input
Antenna
Audio
DIO
Thermal LED
HDD LED
PWR On/Off
Antenna
Inverter
LVDS
USB
6 COMs
Dual GbE
4 USB
VGA
DC12V input
Antenna
Audio
DIO
ARK-6320-6M01E
ARK-6320-6M01E
200[7.87]
73[2.87]
Ordering Information
Part No.
CPU
L2 Cache
Memory
DVI-I
RS-232/422/485
RS-232
USB 2.0
MiniPCIe
DC input
ARK-6320-6M01E
Intel Atom D510
1.66 GHz
1 MB
1 DDR2
-
1
5
8
1
12V
ARK-6320-6M02E
Intel Atom D525
1.8 GHz
1 MB
2 DDR3
DVI-D
1
5
8
1
12V
Note: Memory, storage and operating system bundled by request.


Similar Part No. - ARK-6320_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-6320-6M01E ADVANTECH-ARK-6320-6M01E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-6320-6M02E ADVANTECH-ARK-6320-6M02E Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
More results

Similar Description - ARK-6320_14

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-3403 ADVANTECH-ARK-3403 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-3403 ADVANTECH-ARK-3403_14 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Fanless Embedded Box PC with PCI/PCIe Expansion and Dual SATA HDDs
ARK-6320 ADVANTECH-ARK-6320 Datasheet
2Mb / 2P
   Intel짰 Atom??D510/D525 Cost-effective Mini-ITX Fanless Embedded Box PC
ARK-10 ADVANTECH-ARK-10_15 Datasheet
1Mb / 2P
   Intel짰 Atom J1900 Quad Core SoC with Dual GbE and Dual COM Fanless Box PC
ARK-VH200 ADVANTECH-ARK-VH200_14 Datasheet
703Kb / 2P
   Intel짰 Atom??Dual Core D510 In-Vehicle DVR with 4 BNC Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C_15 Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1503 ADVANTECH-ARK-1503_14 Datasheet
728Kb / 2P
   Intel짰 Atom??D525 Slim and Panel Mountable Fanless Box PC
ARK-1122C ADVANTECH-ARK-1122C Datasheet
697Kb / 2P
   Intel짰 Atom??Dual Core N2600 with 4 COM Port Extendibility Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C_15 Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
ARK-1123C ADVANTECH-ARK-1123C Datasheet
1Mb / 2P
   Intel짰 Atom E3825 SoC with Dual GbE and Dual COM Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com