Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR20L45CT Datasheet(PDF) 2 Page - Bruckewell Technology LTD

Part # MBR20L45CT
Description  Dual Common-Cathode Ultra Low VF Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

MBR20L45CT Datasheet(HTML) 2 Page - Bruckewell Technology LTD

  MBR20L45CT Datasheet HTML 1Page - Bruckewell Technology LTD MBR20L45CT Datasheet HTML 2Page - Bruckewell Technology LTD MBR20L45CT Datasheet HTML 3Page - Bruckewell Technology LTD MBR20L45CT Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MBR20L45CT
Publication Order Number: MBR20L45CT
©Bruckewell Technology Corporation Rev. A -2014
Electrical characteristics (Tc=25°C unless otherwise noted)
OFF CHARACTERISTICS
Parameter
Symbol
Value
Unit
Typical
Max
Instantaneous forward voltage
at IF=3A, Tj=25°C
VF
0.36
V
at IF=10A, Tj=25°C
0.48
0.54
at IF=3A, Tj=125°C
0.34
at IF=10A, Tj=125°C
0.46
0.52
Maximum reverse current Tj=25°C
IR
200
u'A
at working peak reverse voltage Tj=125°C
75
m'A
Junction Capacitance @ DC 5V
CJ
500
pF
DEVICE MARK
MBR20L45CT


Similar Part No. - MBR20L45CT

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MBR20L45CT ISC-MBR20L45CT Datasheet
218Kb / 2P
   Schottky Barrier Rectifier
logo
Dongguan City Niuhang E...
MBR20L45CT NIUHANG-MBR20L45CT Datasheet
413Kb / 3P
   LOW VF SCHOTTKY RECTIFIERS
logo
Zibo Seno Electronic En...
MBR20L45CT ZSELEC-MBR20L45CT Datasheet
237Kb / 2P
   20.0A SCHOTTKY BARRIER DIODE
logo
SUNMATE electronic Co.,...
MBR20L45CT SUNMATE-MBR20L45CT Datasheet
1Mb / 2P
   LOW VF SCHOTTKY BARRIER RECTIFIERS
logo
ON Semiconductor
MBR20L45CTG ONSEMI-MBR20L45CTG Datasheet
142Kb / 6P
   SWITCHMODE??Power Rectifier 45 V, 20 A
January, 2010 ??Rev. 2
More results

Similar Description - MBR20L45CT

ManufacturerPart #DatasheetDescription
logo
Bruckewell Technology L...
MBRF20200CT BWTECH-MBRF20200CT Datasheet
346Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF20L45CT BWTECH-MBRF20L45CT Datasheet
118Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR2080CT BWTECH-TMBR2080CT Datasheet
437Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF10200CT BWTECH-MBRF10200CT Datasheet
197Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBRF30150CT BWTECH-TMBRF30150CT Datasheet
113Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
TMBR30150CT BWTECH-TMBR30150CT Datasheet
111Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
MBRF30200CT BWTECH-MBRF30200CT Datasheet
140Kb / 4P
   Dual Common-Cathode Ultra Low VF Schottky Rectifier
logo
Vishay Siliconix
SBL25LXXCT VISHAY-SBL25LXXCT Datasheet
144Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
SBL25L30CT VISHAY-SBL25L30CT_V01 Datasheet
160Kb / 5P
   Dual Low VF Common Cathode Schottky Rectifier
01-Jan-2022
SBL25L20CT VISHAY-SBL25L20CT_15 Datasheet
148Kb / 6P
   Dual Low VF Common Cathode Schottky Rectifier
Revision: 12-Jun-13
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com