Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR6215PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFR6215PBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR6215PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFR6215PBF_15 Datasheet HTML 1Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 2Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 3Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 4Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 5Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 6Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 7Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 8Page - International Rectifier IRFR6215PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IRFR/U6215PbF
4
www.irf.com
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0
4
8
12
16
20
0
20406080
G
A
Q , Total Gate Charge (nC)
FOR TEST CIRCUIT
SEE FIGURE 13
I
= -6.6A
V
= -120V
V
= -75V
V
= -30V
D
DS
DS
DS
0.1
1
10
100
0.2
0.6
1.0
1.4
1.8
T = 25°C
J
V
= 0V
GS
SD
A
-V
, Source-to-Drain Voltage (V)
T = 175°C
J
1
10
100
1
10
100
1000
OPERATION IN THIS AREA LIMITED
BY RDS(on)
10ms
A
-V
, Drain-to-Source Voltage (V)
DS
10µs
100µs
1ms
T
= 25°C
T
= 175°C
Single Pulse
C
J
0
400
800
1200
1600
2000
1
10
100
A
DS
-V
, Drain-to-Source Voltage (V)
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss


Similar Part No. - IRFR6215PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR6215PBF IRF-IRFR6215PBF Datasheet
246Kb / 11P
   HEXFET짰 Power MOSFET
IRFR6215PBF IRF-IRFR6215PBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Kersemi Electronic Co.,...
IRFR6215PBF KERSEMI-IRFR6215PBF Datasheet
3Mb / 10P
   HEXFET짰 Power MOSFET
logo
International Rectifier
IRFR6215PBF IRF-IRFR6215PBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Infineon Technologies A...
IRFR6215PBF INFINEON-IRFR6215PBF Datasheet
654Kb / 11P
   HEXFET짰 Power MOSFET
2016-5-31
More results

Similar Description - IRFR6215PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com