Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR7446PBF Datasheet(PDF) 11 Page - International Rectifier

Part # IRFR7446PBF
Description  Brushed Motor drive applications
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR7446PBF Datasheet(HTML) 11 Page - International Rectifier

Back Button IRFR7446PBF Datasheet HTML 3Page - International Rectifier IRFR7446PBF Datasheet HTML 4Page - International Rectifier IRFR7446PBF Datasheet HTML 5Page - International Rectifier IRFR7446PBF Datasheet HTML 6Page - International Rectifier IRFR7446PBF Datasheet HTML 7Page - International Rectifier IRFR7446PBF Datasheet HTML 8Page - International Rectifier IRFR7446PBF Datasheet HTML 9Page - International Rectifier IRFR7446PBF Datasheet HTML 10Page - International Rectifier IRFR7446PBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IRFR7446PbF
11
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
January 6, 2015
†
Qualification standards can be found at International Rectifier’s web site: http://www.irf.com/product-info/reliability/
†† Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information: http:www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
MS L1
(per JE DEC J-S T D-020D
†††)
RoHS compliant
(per JEDEC JESD47F
††† guidelines)
Yes
Qualification information
Industrial
††
Qualification level
D-PAK
‘‹•–—”‡Ã"‡•‹–‹˜‹–›Ã‡˜‡Ž
IR WORLD HEADQUARTERS: 101 N. Sepulveda Blvd., El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Revision History
Date
Comment
• Updated EAS (L =1mH) = 251mJ on page 2
• Updated note 10 “Limited by TJmax, starting TJ = 25°C, L = 1mH, RG = 50Ω, IAS = 22A, VGS =10V”. on page 2
• Updated package outline on page 9.
1/6/2015


Similar Part No. - IRFR7446PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR7446PBF IRF-IRFR7446PBF Datasheet
272Kb / 10P
   Brushed Motor drive applications
More results

Similar Description - IRFR7446PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com