Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR7746PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFR7746PBF
Description  Brushed Motor drive applications
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR7746PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFR7746PBF_15 Datasheet HTML 1Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 2Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 3Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 4Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 5Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 6Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 7Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 8Page - International Rectifier IRFR7746PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
 
IRFR/U7746PbF
Dynamic Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
gfs
Forward Transconductance
112
–––
–––
S VDS = 10V, ID =35A
Qg
Total Gate Charge
–––
59
89
ID = 35A
Qgs
Gate-to-Source Charge
–––
14
–––
VDS = 38V
Qgd
Gate-to-Drain Charge
–––
18
–––
VGS = 10V
Qsync
Total Gate Charge Sync. (Qg– Qgd)
–––
41
–––
td(on)
Turn-On Delay Time
–––
7.9
–––
ns
VDD = 38V
tr
Rise Time
–––
30
–––
ID = 35A
td(off)
Turn-Off Delay Time
–––
34
–––
RG= 2.7
tf
Fall Time
–––
21
–––
VGS = 10V
Ciss
Input Capacitance
–––
3107
–––
pF  
VGS = 0V
Coss
Output Capacitance
–––
257
–––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
159
–––
ƒ = 1.0MHz, See Fig.7
Coss eff.(ER)
Effective Output Capacitance
(Energy Related)
–––
234
–––
VGS = 0V, VDS = 0V to 60V
Coss eff.(TR)
Output Capacitance (Time Related)
–––
299
–––
VGS = 0V, VDS = 0V to 60V
Diode Characteristics  
Symbol
Parameter
Min.
Typ.
Max. Units
Conditions
IS
Continuous Source Current
–––
–––
59
A
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
–––
–––
230*
integral reverse
(Body Diode)
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.2
V TJ = 25°C,IS = 35A,VGS = 0V 
dv/dt
Peak Diode Recovery dv/dt
–––
8.1
–––
V/ns TJ = 175°C,IS = 35A,VDS = 75V
trr
Reverse Recovery Time
–––
27
–––
ns
TJ = 25°C
VDD = 64V
–––
32
–––
TJ = 125°C
IF = 35A,
Qrr
Reverse Recovery Charge
–––
26
–––
nC
TJ = 25°C
di/dt = 100A/µs 
–––
36
–––
TJ = 125°C
 
IRRM
Reverse Recovery Current
–––
1.7
–––
A TJ = 25°C
nC  
D
S
G
3
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
November 7, 2014


Similar Part No. - IRFR7746PBF_15

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFR7746 ISC-IRFR7746 Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IRFR7746PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com