Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR9120NPBF Datasheet(PDF) 2 Page - International Rectifier

Part # IRFR9120NPBF
Description  ULTRA LOW ON RESISTANCE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR9120NPBF Datasheet(HTML) 2 Page - International Rectifier

  IRFR9120NPBF_15 Datasheet HTML 1Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 2Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 3Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 4Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 5Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 6Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 7Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 8Page - International Rectifier IRFR9120NPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IRFR/U9120NPbF
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
––– –––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
––– –––
p-n junction diode.
VSD
Diode Forward Voltage
––– ––– -1.6
V
TJ = 25°C, IS = -3.9A, VGS = 0V „
trr
Reverse Recovery Time
––– 100 150
ns
TJ = 25°C, IF = -4.0A
Qrr
Reverse Recovery Charge
––– 420 630
nC
di/dt = 100A/µs „†
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
-6.6
-26
A
Notes:
** When mounted on 1" square PCB (FR-4 or G-10 Material ) .
For recommended footprint and soldering techniques refer to application note #AN-994
…This is applied for I-PAK, LS of D-PAK is measured between
lead and center of die contact
‚ Starting TJ = 25°C, L = 13mH
RG = 25Ω, IAS = -3.9A. (See Figure 12)
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ -4.0A, di/dt ≤ 300A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
-100 ––– –––
V
VGS = 0V, ID = -250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient ––– -0.11 –––
V/°C Reference to 25°C, ID = -1mA
RDS(on)
Static Drain-to-Source On-Resistance
–––
––– 0.48
VGS = -10V, ID = -3.9A „
VGS(th)
Gate Threshold Voltage
-2.0
––– -4.0
V
VDS = VGS, ID = -250µA
gfs
Forward Transconductance
1.4
––– –––
S
VDS = -50V, ID = -4.0A†
–––
––– -25
µA
VDS = -100V, VGS = 0V
–––
––– -250
VDS = -80V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
––– 100
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
nA
VGS = -20V
Qg
Total Gate Charge
–––
–––
27
ID = -4.0A
Qgs
Gate-to-Source Charge
–––
––– 5.0
nC
VDS = -80V
Qgd
Gate-to-Drain ("Miller") Charge
–––
–––
15
VGS = -10V, See Fig. 6 and 13 „†
td(on)
Turn-On Delay Time
–––
14
–––
VDD = -50V
tr
Rise Time
–––
47
–––
ID = -4.0A
td(off)
Turn-Off Delay Time
–––
28
–––
RG = 12 Ω
tf
Fall Time
–––
31
–––
RD =12 Ω, See Fig. 10 „†
Between lead,
–––
–––
6mm (0.25in.)
from package
and center of die contact…
Ciss
Input Capacitance
–––
350 –––
VGS = 0V
Coss
Output Capacitance
–––
110 –––
pF
VDS = -25V
Crss
Reverse Transfer Capacitance
–––
70
–––
ƒ = 1.0MHz, See Fig. 5†
nH
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
LD
Internal Drain Inductance
LS
Internal Source Inductance
–––
–––
IGSS
ns
4.5
7.5
IDSS
Drain-to-Source Leakage Current
S
D
G
† Uses IRF9520N data and test conditions.


Similar Part No. - IRFR9120NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFR9120NPBF IRF-IRFR9120NPBF Datasheet
262Kb / 11P
   HEXFET Power MOSFET ( VDSS = -100V , RDS(on) = 0.48廓 , ID = -6.6A )
logo
Kersemi Electronic Co.,...
IRFR9120NPBF KERSEMI-IRFR9120NPBF Datasheet
3Mb / 10P
   HEXFET POWER MOSFET
IRFR9120NPBF KERSEMI-IRFR9120NPBF Datasheet
3Mb / 10P
   ULTRA LOW ON-RESISTANCE
More results

Similar Description - IRFR9120NPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com