Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARK-DS762GQ-U2A1E Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # ARK-DS762GQ-U2A1E
Description  3rd Generation Intel짰 Core??i7/i5/i3 Digital Signage Platform with 3 x HDMI Independent Display
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

ARK-DS762GQ-U2A1E Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  ARK-DS762GQ-U2A1E Datasheet HTML 1Page - Advantech Co., Ltd. ARK-DS762GQ-U2A1E Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
Dimensions
Unit: mm [inch]
2 x USB 2.0
PWR Button
COM
HDD LED
CFast
ARK-DS762
ARK-DS762 External I/O
Front
Rear
DC-in Jack
USB3.0 Line_Out
3 x HDMI
LAN
Packing List
Part Number
Description
-
1 x ARK-DS762 Unit
-
1 x Driver/Utility DVD/Manual
-
1 x User Manual (Simplified Chinese)
-
1 x Power adapter AC-DC 100-240V, 90W
-
1 x China RoHS
-
1 x Mounting bracket kit
Ordering Information
Part Number
Description
ARK-DS762GQ-U3A1E
Intel 3rd Gen. Core i7-3610QE, 4G RAM, 250G HD,
WES7P w/ SUSIAccess Pro
ARK-DS762GQ-U2A1E
Intel 3rd Gen. Celeron 1020E, 4G RAM, 250GB HD,
WES7P w/ SUSIAccess Pro
ARK-DS762GB-00A1E
Intel 3rd Gen. Core i7/5/3 Digital Signage computer
box (barebone)
96MPI7M-2.3-6M9T
Intel 3rd Gen. Core i7-3610QE Quad Core CPU 2.3GHz
96MPI5-2.7-3M9T
Intel 3rd Gen. Core i5-3610ME Dual Core CPU 2.7GHz
96MPI3M-2.4-3M9T
Intel 3rd Gen. Core i3-3120ME Dual Core CPU 2.4GHz
96MPCM-2.2-2M9T
Intel Celeron 1020E Dual core CPU 2.2GHz
Embedded OS
Part Number
Description
2070011542
IMG WES7P (32-bit) ARK-DS762 V5.1.2 ENG/TC/SC/JP
w/ SA Pro
2070011223
IMG WES7E (32-bit) ARK-DS762 V5.1.3 ENG/TC/SC/JP
w/ SA Pro
2070011553
IMG XPE WES09 ARK-DS762 V4.1 24 muti w/ SA Pro
2070011686
IMG WES7E (64-bit) ARK-DS762 V5.6.4 ENG w/ SA Pro
2070011749
IMG WES7P (64-bit) ARK-DS762 V5.6.3 ENG w/ SA Pro
Power Cord
Part Number
Description
1700001524
3-pin power cord (US)
170203183C
3-pin power cord (EU)
170203180A
3-pin power cord (UK)
1700008921
3-pin power cord with PSE (Japan)
1700019146
3-pin power cord (CCC)
Accessories
Part Number
Description
AMO-WIFI06E
Wi-Fi 802.11 b/g/n Mini-PCIe module (w/ antenna)
AMO-HSDPA02E
3.75G HSDPA Mini-PCIe module
AMK-V005E
VESA mount kit
35.00 [1.38]
249.60 [9.83]
1.50 [0.06]
74.50 [2.93]
52.00
[2.05]
11.25
[0.44]
Ø4.00
[Ø0.16]
Ø3.50
[Ø0.14]
Ø10.00
[Ø0.39]
37.25
[1.47]
10.50
[0.41]
Wi-Fi LED


Similar Part No. - ARK-DS762GQ-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS762GQ-U2A1E ADVANTECH-ARK-DS762GQ-U2A1E Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
More results

Similar Description - ARK-DS762GQ-U2A1E

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
ARK-DS762 ADVANTECH-ARK-DS762 Datasheet
703Kb / 2P
   3rd Generation Intel Core i7/i5/i3 Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262_14 Datasheet
626Kb / 2P
   3rd Generation Intel짰 Core??i7 OPS Digital Signage Platform
ARK-DS262 ADVANTECH-ARK-DS262 Datasheet
2Mb / 2P
   3rd Generation Intel짰 Core??i7 Processor-based Digital Signage Platform
logo
AAEON Technology
IMBM-B75A AAEON-IMBM-B75A Datasheet
375Kb / 2P
   Intel짰 2nd/3rd Generation Core??i7/ i5/ i3/ Processors
logo
Advantech Co., Ltd.
ARK-2150L ADVANTECH-ARK-2150L_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i3/i7 with Dual Independent Display Fanless Box PC
DS-060SERIES ADVANTECH-DS-060SERIES_14 Datasheet
934Kb / 2P
   Ultra-slim 3rd Generation Intel짰 Core??i7/Celeron짰/Atom??Digital Signage Platform
logo
AAEON Technology
IMBA-Q77 AAEON-IMBA-Q77 Datasheet
549Kb / 2P
   Intel짰 3rd Generation Core??i7/ i5/ i3 LGA 1155 Processor
logo
Advantech Co., Ltd.
SYS-4U4000-4A05 ADVANTECH-SYS-4U4000-4A05_14 Datasheet
1Mb / 2P
   3rd Gen Intel짰 Core??i7/i5/i3 4U 4A053rd Gen Intel짰 Core??i7/i5/i3 4U
DS-862 ADVANTECH-DS-862_15 Datasheet
1Mb / 2P
   3rd Generation Intel짰 Core??i Digital Signage Player with 4 independent displays
ARK-2150L ADVANTECH-ARK-2150L_16 Datasheet
1Mb / 2P
   3rd Generation Intel Core i3/i7 with Dual Independent Display Fanless Box PC
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com