Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFS4020PBF Datasheet(PDF) 4 Page - International Rectifier

Part # IRFS4020PBF
Description  Key parameters optimized for Class-D audio amplifier applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS4020PBF Datasheet(HTML) 4 Page - International Rectifier

  IRFS4020PBF Datasheet HTML 1Page - International Rectifier IRFS4020PBF Datasheet HTML 2Page - International Rectifier IRFS4020PBF Datasheet HTML 3Page - International Rectifier IRFS4020PBF Datasheet HTML 4Page - International Rectifier IRFS4020PBF Datasheet HTML 5Page - International Rectifier IRFS4020PBF Datasheet HTML 6Page - International Rectifier IRFS4020PBF Datasheet HTML 7Page - International Rectifier IRFS4020PBF Datasheet HTML 8Page - International Rectifier IRFS4020PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRFS/SL4020PbF
4
www.irf.com
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current vs. Junction Temperature
Fig 7. Typical Source-Drain Diode Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 10. Threshold Voltage vs. Temperature
0.2
0.4
0.6
0.8
1.0
1.2
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
TJ = 25°C
TJ = 175°C
VGS = 0V
25
50
75
100
125
150
175
TJ , Junction Temperature (°C)
0
2
4
6
8
10
12
14
16
18
20
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
2.0
3.0
4.0
5.0
ID = 100µA
1E-006
1E-005
0.0001
0.001
0.01
0.1
1
10
100
t1 , Rectangular Pulse Duration (sec)
0.001
0.01
0.1
1
10
0.20
0.10
D = 0.50
0.02
0.01
0.05
SINGLE PULSE
( THERMAL RESPONSE )
Notes:
1. Duty Factor D = t1/t2
2. Peak Tj = P dm x Zthjc + Tc
τ
J
τ
J
τ
1
τ
1
τ
2
τ
2
τ
3
τ
3
R
1
R
1
R
2
R
2
R
3
R
3
Ci
i
/Ri
Ci=
τi/Ri
τ
τ
C
τ
4
τ
4
R
4
R
4
Ri (°C/W)
τi (sec)
0.0283
0.000007
0.3659
0.000140
0.7264
0.001376
0.3093
0.007391
1
10
100
1000
VDS, Drain-to-Source Voltage (V)
0.001
0.01
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC


Similar Part No. - IRFS4020PBF

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IRFS4010 ISC-IRFS4010 Datasheet
244Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFS4010-7PPBF IRF-IRFS4010-7PPBF Datasheet
318Kb / 9P
   HEXFET Power MOSFET
IRFS4010-7PPBF IRF-IRFS4010-7PPBF Datasheet
318Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFS4010-7PPBF IRF-IRFS4010-7PPBF Datasheet
318Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFS4010-7PPBF IRF-IRFS4010-7PPBF_15 Datasheet
318Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
More results

Similar Description - IRFS4020PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7665S2PBF IRF-IRF7665S2PBF Datasheet
253Kb / 9P
   Key parameters optimized for Class-D audio amplifier applications
IRFS5615PBF IRF-IRFS5615PBF_15 Datasheet
351Kb / 9P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
logo
Kersemi Electronic Co.,...
IRFB4212 KERSEMI-IRFB4212 Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFB5615PBF IRF-IRFB5615PBF_15 Datasheet
277Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB5620PBF IRF-IRFB5620PBF_15 Datasheet
274Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4020PBF IRF-IRFB4020PBF_15 Datasheet
647Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4019PBF KERSEMI-IRFB4019PBF Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio Amplifier Applications
IRFB4019 KERSEMI-IRFB4019 Datasheet
831Kb / 7P
   Key Parameters Optimized for Class-D Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com