Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE80L4000 Datasheet(PDF) 7 Page - Pasternack Enterprises, Inc.

Part # PE80L4000
Description  High Power Handling
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE80L4000 Datasheet(HTML) 7 Page - Pasternack Enterprises, Inc.

  PE80L4000 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE80L4000 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE80L4000 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE80L4000 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE80L4000 Datasheet HTML 5Page - Pasternack Enterprises, Inc. PE80L4000 Datasheet HTML 6Page - Pasternack Enterprises, Inc. PE80L4000 Datasheet HTML 7Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
PE80L4000 REV 1.0
SMA High Power Limiter, 100 Watts Peak Power, 10 ns
Recovery, 14 dBm Flat Leakage, 12 GHz to 18 GHz
PE80L4000
CAD Drawing


Similar Part No. - PE80L4000

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE80L1000 PASTERNACK-PE80L1000 Datasheet
422Kb / 7P
   High Speed 1 Watt Limit
PE80L1001 PASTERNACK-PE80L1001 Datasheet
453Kb / 8P
   High Speed 5 Watt CW Limit
PE80L2000 PASTERNACK-PE80L2000 Datasheet
594Kb / 8P
   High Speed 10 Watt CW Limit
PE80L2001 PASTERNACK-PE80L2001 Datasheet
424Kb / 7P
   High Speed 200 Watt Peak Limit
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
   High Power Handling
More results

Similar Description - PE80L4000

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5040 AD-ADRF5040 Datasheet
281Kb / 14P
   High power handling
logo
Pasternack Enterprises,...
PE80L2002 PASTERNACK-PE80L2002 Datasheet
460Kb / 7P
   High Power Handling
logo
Torex Semiconductor
XB15A308 TOREX-XB15A308 Datasheet
136Kb / 2P
   High Power Handling
logo
Pasternack Enterprises,...
PE20S0014 PASTERNACK-PE20S0014 Datasheet
602Kb / 8P
   High Power Handling Capability
PE20S0006 PASTERNACK-PE20S0006 Datasheet
672Kb / 8P
   High Power Handling Capability
PE20S0007 PASTERNACK-PE20S0007 Datasheet
480Kb / 6P
   High Power Handling Capability
PE20S0008 PASTERNACK-PE20S0008 Datasheet
775Kb / 9P
   High Power Handling Capability
PE20S0010 PASTERNACK-PE20S0010 Datasheet
474Kb / 6P
   High Power Handling Capability
PE20S0011 PASTERNACK-PE20S0011 Datasheet
456Kb / 6P
   High Power Handling Capability
PE20S0009 PASTERNACK-PE20S0009 Datasheet
603Kb / 8P
   High Power Handling Capability
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com