Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS31-104 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # IDS31-104
Description  Fully configurable, high-reliability, rugged display solution with choice of brightness, touch and video input 10.4" Industrial Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS31-104 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  IDS31-104_15 Datasheet HTML 1Page - Advantech Co., Ltd. IDS31-104_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice
Intelligent Display Solutions
Features
IDS31-104
Fully configurable, high-reliability, rugged display
solution with choice of brightness, touch and
video input 10.4" Industrial Open Frame Monitor
ƒ 10.4" LCD panel with LED backlight for long service life
ƒ Wide operating temperature 0 ~ +50° C for broad range of applications
ƒ Regular brightness 230 cd/m2
ƒ Flexible mechanical formats: open frame, closed frame, all with VESA
standard mounting
ƒ Configurable Options:
– Brightness 230 cd/m2
– Mechanical housing
– VGA, DVI, HDMI, DisplayPort
ƒ Touch Options (USB and/or RS232 input):
– SAW (4mm & 6mm)
– Surface Capacitive
– Projected Capacitive
Typical Applications
ƒ Casino and gaming
ƒ Industrial controls
ƒ Kiosks and point of sale
ƒ Remote signage and public information
ƒ Transportation
Specifications
Display Features
Spec
Notes
Model
IDS31-104
Backlight
LED + TN
Light source
Resolution
800 x 600
Native resolution. Other resolutions
supported by A/D card scaling
Brightness
230 cd/m2
Measured at typical operating voltage
Viewing Angle
60°/60°/55°/45° Left/Right/Up/Down
Surface Treatment
3H
MoHS/Anti glare
Contrast Ratio
500:1
In laboratory measurement conditions
Max Colors
+264K/16.2m
6/8 bit per colour
Response Time
35 ms
Typical
Backlight Lifetime
30,000 hours
Typ. time to half brightness in room
temperature operation
Introduction
The IDS31-104 is a fully configurable, flexible display solution, able to be specified in a variety of screen brightness's, touch technologies and video inputs including displayport.
The product can be specified in a number of compact mechanical constructions meeting all mounting demands, delivering complete flexibility in product design. All products have
been designed to meet the demands of the industrial market and have leading in service performance characteristics guaranteed by 100% product burn-in and the service back up
of the global Advantech corporation.
RoHS
COMPLIANT
2002/95/EC
Dimensions
Unit: mm
262.0
150.0
40.3
18.3
211.2 (A/A)
262.0
75.0
4-M4 USER HOLES
(MAX 5.0mm depth)
8-M4 USER HOLES
(MAX 5.0mm depth)
NEW
All product specifications are subject to change without notice
Last updated : 20-Jan-2015


Similar Part No. - IDS31-104_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS31-104-523DVA1E ADVANTECH-IDS31-104-523DVA1E Datasheet
3Mb / 2P
   Fully configurable, high-reliability, rugged display solution with choice of brightness, touch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com