Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDS31-190 Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # IDS31-190
Description  Fully configurable, high-reliability, rugged display solution with choice of brightness, touch and video input 19" Industrial Open Frame Monitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

IDS31-190 Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  IDS31-190_15 Datasheet HTML 1Page - Advantech Co., Ltd. IDS31-190_15 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.advantech.com/products
Online Download
IDS31-190
System/Electrical Features
System / Electrical
Spec
Unit / Notes
Power Consumption
31.0W
Typical consumption at standard
brightness and temperature
Power Supply
12V / 3.5A
External DC power brick (included)
Input voltage-DC +12V +/-5% @
2.5A max
Power connector: DC jack
Video Input
(available options)
… VGA
… DVI
… HDMI
… COMPOSITE
… USB
… DisplayPort
Native resolution. Other resolutions
supported by A/D card scaling
On-screen Display
(OSD)
5- keys
Menu Functions
Menu / up / down / enter / Power
ON-OFF
Brightness, Contrast, Screen Setting,
Colour Temp, Language OSD
Settings, VGA/DVI, Recall, Auto
Adjust
Custom BIOS options
Mechanical Features
Mechanical
Spec
Notes
Overall size
422 x 347 x 45 mm
[open frame]
[closed frame]
[proflat]
Active Area Size
377 x 301
Case / Bezel color
Zintec / Black power coat
Custom colour and
finishes available
Weight
5.0kg
Typ .inc touch
VESA Mounting
Options:
… 75 x 75
; 100 x 100
… 100 x 200
… Brackets for panel mount
For User defined mounting
requirements contact rep
Environmental Features
Environmental
Spec
Operating Temp
0 ~ +50° C
Storage Temp
-20 ~ +60° C
Humidity
90% RH
Vibration
5-500Hz, 0.026G/Hz, 2.16 Grms, X,Y,Z. 1hr per axis
Agency Approvals
CE,RoHS
Touch Screen Options
Type
19.0"
Cover glass (CG)
;
Analogue
Resistive (AR)
;
Surface Acoustic
Wave (SAW)
…
Surface
Capacitive
(SCAP)
;
Projected
Capacitive (PCT)
;
Infra-red (IR)
…
Multi-touch
;
Construction
3.2mm heat
strengthened
glass
ITO film to ITO
coated glass
4mm pure glass
sensor
Hard coat ITO
pure glass
ITO film/film with
Chemical
strengthened
glass
3mm tempered
glass
with infrared
sensor
Either PCT or IR
Surface
7H
3H
7H
<4H
<4H
7H
-
Durability
(no of touches)
-
> 1m
>5m
>1m
>1m
>1m
-
IP Rating (potential) IP65
IP65
IP65
IP65
IP65
IP65
IP65
Touches
0
1
1
1
1/2/10/30
1040g/63.5mm
-
Transparency
93±2%
81%
90±5%
91±1.5%
82%
-
-
Drop Ball
500g / 50cm
227g/38 steel
ball from 80cm
height
1040g / 90cm
UL60950
(Tough touch only)
227g/38 steel
ball from 80cm
height
1040g/63.5mm
ball dropped from
height of 1.0m
227g/38 steel
ball from 80cm
height
Added thickness
(typ.)
4/5/6/10/12mm
1.8mm
6mm
8mm
3/4/5/6m
See drawing
See drawing
Custom Options
AR coating
Optical bonding
Optical bonding
Dustproof,
Waterproof, Antiglare,
Safe touch
Optical bonding,
Tough touch
AR coating,
Glass painting,
Customer logo,
10point touch
(21.5",23",24"),
Optical bonding
2point, AR coating,
Optical bonding
Extended cover
glass
Back printing
Whole cutting
Ordering Information
Model Name
IDS31-190-P35DVA1E
Description
19.0" 4:3, Industrial open-frame monitor with PCT Multi-touch touchscreen, 350CD/m2 brightness, VGA&DVI input
All Advantech monitors are configurable to order. Use www.advantech.com for guidance on versions, pricing and deliver for all models
Accessory Package
ƒ Power supply (110V-240V), UK/EU/US power cord, VGA cable, DVI cable
(USB for touch option)


Similar Part No. - IDS31-190_15

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
IDS31-190-P35DVA1E ADVANTECH-IDS31-190-P35DVA1E Datasheet
1Mb / 2P
   Fully configurable, high-reliability, rugged display solution with choice of brightness, touch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com